Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V7290L10BBL Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72V7290L10BBL
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V7290L10BBL Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72V7290L10BBL Datasheet HTML 1Page - Integrated Device Technology IDT72V7290L10BBL Datasheet HTML 2Page - Integrated Device Technology IDT72V7290L10BBL Datasheet HTML 3Page - Integrated Device Technology IDT72V7290L10BBL Datasheet HTML 4Page - Integrated Device Technology IDT72V7290L10BBL Datasheet HTML 5Page - Integrated Device Technology IDT72V7290L10BBL Datasheet HTML 6Page - Integrated Device Technology IDT72V7290L10BBL Datasheet HTML 7Page - Integrated Device Technology IDT72V7290L10BBL Datasheet HTML 8Page - Integrated Device Technology IDT72V7290L10BBL Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5
COMMERCIALTEMPERATURERANGE
IDT72V7230/7240/7250/7260/7270/7280/7290/72100 3.3V HIGH DENSITY SUPERSYNC IITM FIFO
512 x 72, 1K x 72, 2K x 72, 4K x 72, 8K x 36, 16K x 72, 32K x 72, 64K x 72
PIN DESCRIPTION
Symbol
Name
I/O
Description
D0–D71
Data Inputs
I
Data inputs for a 72-, 36- or 18-bit bus. When in 36- or 18-bit mode, the unused input pins should be tied
LOW.
MRS
Master Reset
I
MRSinitializesthereadandwritepointerstozeroandsetstheoutputregistertoallzeroes. DuringMasterReset,
the FIFO is configured for either FWFT or IDT Standard mode, Bus-Matching configurations, one of eight
programmableflagdefaultsettings,serialorparallelprogrammingoftheoffsetsettings,Big-Endian/Little-Endian
format, zero latency timing mode, interspersed parity, and synchronous versus asynchronous programmable
flagtimingmodes.
PRS
PartialReset
I
PRSinitializesthereadandwritepointerstozeroandsetstheoutputregistertoallzeroes. DuringPartialReset,
the existing mode (IDT or FWFT), programming method (serial or parallel), and programmable flag settings
are all retained.
RT
Retransmit
I
RT asserted on the rising edge of RCLK initializes the READ pointer to zero, sets the EF flag to LOW (OR to
HIGH in FWFT mode) and does not disturb the write pointer, programming method, existing timing mode or
programmable flag settings.
RT is useful to reread data from the first physical location of the FIFO.
FWFT/SI
First Word Fall
I
DuringMasterReset,selectsFirstWordFallThroughorIDTStandardmode.AfterMasterReset,thispinfunctions
Through/Serial In
as a serial input for loading offset registers.
OW
OutputWidth
I
This pin, along with IW and BM, selects the bus width of the read port. See Table 1 for bus size configuration.
IW
InputWidth
I
This pin, along with OW and BM, selects the bus width of the write port. See Table 1 for bus size configuration.
BM
Bus-Matching
I
BM works with IW and OW to select the bus sizes for both write and read ports. See Table 1 for bus size
configuration.
BE
Big-Endian/
I
During Master Reset, a LOW on
BE will select Big-Endian operation. A HIGH on BE during Master Reset
Little-Endian
willselectLittle-Endianformat.
RM
RetransmitTiming
I
During Master Reset, a LOW on RM will select zero latency Retransmit timing Mode. A HIGH on RM will select
Mode
normal latency mode.
PFM
Programmable
I
During Master Reset, a LOW on PFM will select Asynchronous Programmable flag timing mode. A HIGH on
Flag Mode
PFM will select Synchronous Programmable flag timing mode.
IP
Interspersed Parity
I
During Master Reset, a LOW on IP will select Non-Interspersed Parity mode. A HIGH will select Interspersed
Parity mode.
FSEL0
Flag Select Bit 0
I
During Master Reset, this input along with FSEL1 and the
LD pin, will select the default offset values for the
programmable flags
PAE and PAF. There are up to eight possible settings available.
FSEL1
Flag Select Bit 1
I
During Master Reset, this input along with FSEL0 and the
LD pin will select the default offset values for the
programmable flags
PAE and PAF. There are up to eight possible settings available.
WCLK
WriteClock
I
When enabled by
WEN,therisingedgeofWCLKwritesdataintotheFIFOandoffsetsintotheprogrammable
registers for parallel programming.
WEN
WriteEnable
I
WEN enables WCLK for writing data into the FIFO memory and offset registers.
RCLK
Read Clock
I
When enabled by
REN, the rising edge of RCLK reads data from the FIFO memory and offsets from the
programmable registers. (
RCS mustbeactive).
REN
Read Enable
I
REN enables RCLK for reading data from the FIFO memory and offset registers. (RCS must be active).
OE
OutputEnable
I
OE provides asynchronous control of the output impedance of Qn.During a Master or Partial Reset the OE
input is the only input that provide High-Impedance control of the data outputs.
RCS
Read Chip Select
I
RCSprovidessynchronouscontrolof thereadportandoutputimpedanceofQn,synchronoustoRCLK.During
a Master or Partial Reset the
RCS input is don’t care, if OE is LOW the data outputs will be Low-Impedance
regardless of
RCS.
SCLK
Serial Input Clock
I
when enabled by
SEN, the rising edge of SCLK writes one bit of data (present on the SI input), into the
programmable register for serial programming.
SEN
Serial Enable
I
SENenablesserialloadingofprogrammableflagoffsets.
LD
Load
I
This is a dual purpose pin. During Master Reset, the state of the
LD input along with FSEL0 and FSEL1,
determines one of eight default offset values for the
PAEandPAFflags,alongwiththemethodbywhichthese
offsetregisterscanbeprogrammed,parallelorserial(seeTable2). AfterMasterReset,thispinenableswriting
to and reading from the offset registers.
FF/IR
Full Flag/
O
In the IDT Standard mode, the
FF function is selected. FF indicates whether or not the FIFO memory is full.
Input Ready
In the FWFT mode, the
IRfunctionisselected. IRindicateswhetherornotthereisspaceavailableforwriting
to the FIFO memory.


Similar Part No. - IDT72V7290L10BBL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V70180 IDT-IDT72V70180 Datasheet
147Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 3.3V Power Supply
logo
Renesas Technology Corp
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
logo
Integrated Device Techn...
IDT72V70180PF IDT-IDT72V70180PF Datasheet
147Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 3.3V Power Supply
logo
Renesas Technology Corp
IDT72V70180PFG RENESAS-IDT72V70180PFG Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results

Similar Description - IDT72V7290L10BBL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V36100 IDT-IDT72V36100_16 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com