Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6150 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A6150
Description  High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A6150 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A6150 Datasheet HTML 1Page - List of Unclassifed Manufacturers A6150 Datasheet HTML 2Page - List of Unclassifed Manufacturers A6150 Datasheet HTML 3Page - List of Unclassifed Manufacturers A6150 Datasheet HTML 4Page - List of Unclassifed Manufacturers A6150 Datasheet HTML 5Page - List of Unclassifed Manufacturers A6150 Datasheet HTML 6Page - List of Unclassifed Manufacturers A6150 Datasheet HTML 7Page - List of Unclassifed Manufacturers A6150 Datasheet HTML 8Page - List of Unclassifed Manufacturers A6150 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
A6150
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Continuous voltage at INPUT
to VSS
VINPUT
-0.3 to + 30 V
Transients on INPUT for
t < 100 ms and duty cycle 1%
VTRANS
up to + 60 V
Reverse supply voltage on INPUT
VREV
- 20 V
Max. voltage at any signal pin
VMAX
OUTPUT + 0.3 V
Min. voltage at any signal pin
VMIN
VSS – 0.3 V
Storage temperature
TSTO
-65 to + 150 °C
Electrostatic discharge max. to
MIL-STD-883C method 3015
VSmax
1000 V
Max. soldering conditions
TSmax
250 °C x 10 s
Table 1
Stresses above these listed maximum ratings may cause
permanent damage to the device. Exposure be-
yond specified operating conditions may affect device
reliability or cause malfunction.
Handling Procedures
This device has built-in protection against high static
voltages or electric fields; however, anti-static precau-
tions must be taken as for any other CMOS component.
Unless otherwise specified, proper operation can only
occur when all terminal voltages are kept within the
supply voltage range. At any time, all inputs must be tied
to a defined logic voltage level.
Operating Conditions
Parameter
Symbol
Min. Typ. Max. Units
Operating junction
temperature 1)
TJ
-40
+125
°C
INPUT voltage 2)
VINPUT
2.3
26
V
OUTPUT voltage 2) 3)
VOUTPUT
1.2
V
RES & EN guaranteed 4) VOUTPUT
1.2
V
OUTPUT current 5)
IOUTPUT
100
mA
Comparator input
voltage
VIN
0VOUTPUT
V
RC-oscillator
programming
R
10
1000
kΩ
Thermal resistance from
junction to ambient 6)
-DIP8
Rth(j-a)
105
°C/W
-SO8
Rth(j-a)
160
°C/W
Table 2
1) The maximum operating temperature is confirmed by
sampling at initial device qualification. In production, all
devices are tested at +85 °C. On request devices tested at
+125 °C can be supplied.
2) Full operation quaranteed. To achieve the load regulation
specified in Table 3 a 22 µF capacitor or greater is
required on the INPUT, see Fig. 18. The 22 µF must have
an effective resistance 5 and a resonant frequency
above 500 kHz.
3) A 10 µF load capacitor and a 100 nF decoupling capacitor
are required on the regulator OUTPUT for stability. The
10 µF must have an effective series resistance of 5 and
a resonant frequency above 500 kHz.
4) RES and EN (EN only for version A0) must be pulled up
externally to VOUTPUT even if they are unused. (Note: RES
and EN are used as inputs by EM test).
5) The OUTPUT current will not apply for all possible
combinations of input voltage and output current.
Combinations that would require the A6150 to work above
the maximum junction temperature (+125 °C) must be
avoided.
6) The thermal resistance specified assumes the package is
soldered to a PCB.


Similar Part No. - A6150

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
logo
List of Unclassifed Man...
A6150-U1 ETC2-A6150-U1 Datasheet
874Kb / 13P
   Impexa 2.4 GHz SMD Antenna
logo
AiT Semiconductor Inc.
A6150C5R-XX AITSEMI-A6150C5R-XX Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
A6150C5VR-XX AITSEMI-A6150C5VR-XX Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
A6150E5R-XXZ AITSEMI-A6150E5R-XXZ Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
More results

Similar Description - A6150

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
A6250 EMMICRO-A6250 Datasheet
588Kb / 13P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
List of Unclassifed Man...
A6130 ETC1-A6130 Datasheet
500Kb / 14P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
V6150 ETC1-V6150 Datasheet
169Kb / 12P
   Power Surveillance and Software Monitoring
V6130 ETC-V6130 Datasheet
514Kb / 12P
   Accurate Power Surveillance and Software Monitoring
logo
EM Microelectronic - MA...
V6155 EMMICRO-V6155 Datasheet
171Kb / 12P
   Extremely Accurate Power Surveillance, Software Monitoring and Sleep Mode Detection
logo
List of Unclassifed Man...
V6170 ETC1-V6170 Datasheet
165Kb / 12P
   Accurate Voltage Window Surveillance and Software Monitoring
A6155 ETC1-A6155 Datasheet
462Kb / 15P
   High Efficiency Linear Power Supply
A6300 ETC1-A6300 Datasheet
196Kb / 8P
   High Efficiency Linear Power Supply
logo
Level One
FCS-9404 LVL1-FCS-9404 Datasheet
1Mb / 3P
   Powerful Surveillance Management Software
logo
Renesas Technology Corp
X80200 RENESAS-X80200 Datasheet
681Kb / 16P
   Power Supply Sequencer with Power-up System Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com