Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

NR6020T0R8N Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part No. NR6020T0R8N
Description  SMD Power Inductors (NR series)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

NR6020T0R8N Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 3 page
background image
Halogen free / RoHS compliant
Wire Wound Inductor
-Electrical Characteristics Data-
Dimension
Length :
6.0 + / - 0.2
( 0.236 + / - 0.008 )
Width :
6.0 + / - 0.2
( 0.236 + / - 0.008 )
Height :
2.0
max.
( 0.079
max. )
Inductance :
0.8
uH
( test freq at 0.1MHz )
DC Resistance :
0.02
/
0.024
ohm ( typ / max )
Saturation Current :
5,500 mA ( max )
Temp. rise Current :
3,800 mA ( max )
Saturation current typical : 30% reduction from initial L value.
Temp rise Current typical : Temperature will rise by 40 deg C
2016/7/14
SMD Power Inductors (NR series)
unit : mm
unit : inch
NR6020T0R8N
0
0.5
1
1.5
2
0
2000
4000
6000
8000
10000
DC Bias [mA]
DC Bias vs Inductance
0.1
1
10
100
0.1
1
10
100
1000
10000
Frequency [MHz]
Frequency vs Inductance
0
10
20
30
40
50
60
0
2000
4000
6000
8000
10000
DC Bias [mA]
DC Bias vs Temperature
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.


Html Pages

1  2  3 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn