Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

NR6020T0R8N Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part No. NR6020T0R8N
Description  SMD Power Inductors (NR series)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Homepage  http://www.t-yuden.com/
Logo 

NR6020T0R8N Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 3 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
SMD Power Inductors (NR series)
NR6020T0R8N
Features
Item Summary
0.8uH±30%, 3.8A, 6.0x6.0x2.0mm
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 2500pcs
Products characteristics table
Inductance
0.8 uH ± 30 %
Case Size (mm)
6.0x6.0
Rated Current (max)
3.8 A
Saturation Current (max)
5.5 A (⊿L=30%)
Temperature Rise Current (max)
3.8 A (⊿T=40℃)
DC Resistance (max)
24 mΩ
DC Resistance (typ)
20 mΩ
LQ Measuring Frequency
100 kHz
Self Resonant Frequency (min)
110 MHz
Operating Temp. Range
-25 to +120 ℃
(Including-self-generated heat)
Temperature characteristic
± 20 %
(Inductance change)
RoHS2 Compliance (10 subst.)
Yes
REACH Compliance (181 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
6.0 ±0.2 mm
Dimension W
6.0 ±0.2 mm
Dimension H
Max 2.0 mm
Dimension e
1.35 ±0.2 mm
Dimension f
4.0 ±0.2 mm
Dimension ΔI
Typ 2.3 mm
Recommended Land Patterns
2019.01.23
1 / 1


Html Pages

1  2  3 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn