Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6155DL8A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # A6155DL8A
Description  High Efficiency Linear Power Supply
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A6155DL8A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button A6155DL8A Datasheet HTML 3Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 4Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 5Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 6Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 7Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 8Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 9Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 10Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
A6155
well as the current consumption of the divider itself. Low
resistor values will need more current, but high resistor
values will make the reset threshold less accurate at
high temperature, due to a possible leakage current at
the V
IN input. The sum of the two resistors should stay
below 300 kΩ. The formula is: VRESET = VREF *(1 + R1/R2).
Example: choosing R
1 = 100 k
Ω and R2 = 39 kΩ will
result in a V
DD reset threshold of 4.54 V (typ.).
At power-up the reset output (RES) is held low (see
Fig. 5). After INPUT reaches 3.36 V (and so OUTPUT
reach-es at least 3 V) and V
IN becomes greater than VREF,
the RES output is held low for an additional power-on-
reset (POR) delay which is equal to the watchdog time
T
WD (typically 100 ms with an external resistor of 110 k
con-nected at R pin). The POR delay prevents repeated
togging of RES even if V
IN and the INPUT voltage drops
out and recovers. The POR delay allows the micropro-
cessor’s crystal oscillator time to start and stabilize and
ensures correct recognition of the reset signal to the
microprocessor.
The RES output goes active low generating the power-
down reset whenever V
IN falls below VREF. The sensitivity
or reaction time of the internal comparator to the vol-
tage level on V
IN is typically 5 µs.
Timer Programming
The on-chip oscillator with an external resistor R
EXT con-
nected between the R pin and V
SS (see Fig. 9) allows the
user to adjust the power-on reset (POR) delay,
watchdog time T
WD and with this also the closed and
open time windows as well as the watchdog reset pulse
width (T
WD/40).
With R
EXT = 110 ktypical values are:
-Power-on reset delay: T
POR is 100 ms
-Watchdog time:
T
WD is 100 ms
-Closed window:
T
CW is
80 ms
-Open window:
T
OW is
40 ms
-Watchdog reset:
T
WDRis 2.25 ms
Note the current consumption increases as the fre-
quency increases.
Watchdog Timeout Period Description
The watchdog timeout period is divided into two parts, a
“closed” window and an “open” window (see Fig. 4) and
is defined by two parameters, T
WD and the Open Window
Percentage (OWP).
The closed window starts just after the watchdog timer
resets and is defined by T
CW = TWD – OWP(TWD).
The open window starts after the closed time window
finishes and lasts till T
WD + OWP(TWD).The open window
time is defined by T
OW = 2 x OWP (TWD)
For example if T
WD = 100 ms (actual value) and OWP =
± 20% this means the closed window lasts during first
the 80 ms (T
CW = 80 ms = 100 ms – 0.2 (100 ms)) and
the open window the next 40 ms (T
OW = 2 x 0.2 (100 ms)
= 40 ms). The watchdog can be serviced between
80 ms and 120 ms after the timer reset. However as the
time base is ± 10% accurate, software must use the
following calculation for servicing signal TCL during the
open window:
Related to curves (Fig. 10 to Fig. 21), especially Fig. 20
and Fig. 21, the relation between T
WD and REXT could
easely be defined. Let us take an example describing
the variations due to production and temperature:
1. Choice, T
WD = 26 ms.
2. Related to Fig. 21, the coefficient (T
WD to REXT) is
1.025 where R
EXT is in kand TWD in ms.
3. R
EXT (typ.) = 26 x 1.025 =26.7 k.
4.
26 ms at +25 °C
a)(26 − 10% = 23.4 ms) (26 + 10% = 28.6 ms)a)
b)(23.4 − 5% = 22.2 ms)
(28.6 + 5% = 30.0 ms)b)
min.: (30.0 − 20% = 24.0 ms) max.: (22.2 + 20% = 26.7 ms)
Typical TCL period of
(24.0 + 26.7) / 2 = 25.4 ms
The ratio between T
WD = 26 ms and the (TCL period)
= 25.4 ms is 0.975.
Then the relation over the production and the full
temperature range is, TCL period = 0.975 x T
WD
or
TCL period =
, as typical value.
a)While PRODUCTION value unknown for the custo-
mer when R
EXT 110 k.
b)While operating TEMPERATURE range
-40 °C TJ +85 °C.
5. If you fixed a TCL period = 26 ms
REXT =
= 27.3 k.
If during your production the T
WD time can be mea-
sured at T
J = + 25 °C and the µC can adjust the TCL
period, then the TCL period range will be much larger
for the full operating temperature.
Timer Clearing and RES Action
The watchdog circuit monitors the activity of the proces-
sor. If the user’s software does not send a pulse to the
TCL input within the programmed open window timeout
period a short watchdog RES pulse is generated which
is equal to T
WD /40 = 2.5 ms typically (see Fig. 6).
With the open window constraint new security is added
to conventional watchdogs by monitoring both software
cycle time and execution. Should software clear the
watchdog too quickly (incorrect cycle time) or too slowly
(incorrect execution) it will cause the system to be reset.
If software is stuck in a loop which includes the routine
to clear the watchdog then a conventional watchdog
would not make a system reset even though software is
malfunctioning; the A6155 would make a system reset
because the watchdog would be cleared too quickly.
If no TCL signal is applied before the closed and open
windows expire, RES will start to generate square waves
of period (T
CW + TOW + TWDR). The watchdog will remain
in this state until the next TCL falling edge appears
0.975 x R
EXT
1.025
26 x 1.025
0.975


Similar Part No. - A6155DL8A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A6150 ETC1-A6150 Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
logo
List of Unclassifed Man...
A6150-U1 ETC2-A6150-U1 Datasheet
874Kb / 13P
   Impexa 2.4 GHz SMD Antenna
A6150A08P ETC1-A6150A08P Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
A6150A0DL8A ETC1-A6150A0DL8A Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
More results

Similar Description - A6155DL8A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A6300 ETC1-A6300 Datasheet
196Kb / 8P
   High Efficiency Linear Power Supply
A6150 ETC1-A6150 Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
A6130 ETC1-A6130 Datasheet
500Kb / 14P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
EM Microelectronic - MA...
A6250 EMMICRO-A6250 Datasheet
588Kb / 13P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
CUI INC
EPA060200-S-T-SZ CUI-EPA060200-S-T-SZ Datasheet
723Kb / 7P
   linear power supply
EPA090050-S-T-SZ CUI-EPA090050-S-T-SZ Datasheet
755Kb / 7P
   linear power supply
EPA120100-S-T-SZ CUI-EPA120100-S-T-SZ Datasheet
750Kb / 7P
   linear power supply
EPA240050-P5R-SZ CUI-EPA240050-P5R-SZ Datasheet
265Kb / 7P
   linear power supply
EPA090100-S-T-SZ CUI-EPA090100-S-T-SZ Datasheet
749Kb / 7P
   linear power supply
EPA240050-S CUI-EPA240050-S Datasheet
742Kb / 7P
   linear power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com