Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

1605001 Datasheet(HTML) 3 Page - PHOENIX CONTACT

Part No. 1605001
Description  HC-M-HS-MOD-BU
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

1605001 Datasheet(HTML) 3 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
HC-M-HS-MOD-BU Order No.: 1605001
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1605001
PHOENIX CONTACT Deutschland GmbH
Page 3 / 5
http://www.phoenixcontact.de
Jan 27, 2011
Connection
Note for axial connection method The specified conductor
cross-sections refer to the geometric cross-section of the used
conductor.The use of conductors with a geometric cross-
section that deviates greatly from the nominal cross-section
of the conductor should be checked first.The wiring space of
the axial screw technology has been designed for fine strand
conductors as per VDE 0295 class 5. Deviating conductor
superstructures (e.g. class 6 conductors) must be checked before
use.Connection It must be ensured before installation that the
ball screw is completely turned back (chamber is open). Twisting
the conductors is not allowed. The cores must be pushed up to
the end of the contact chamber (until the contact is insulated).
Keep the core in this position and tighten it using an Allen key.
The required core end must be cut before a reconnection.
Tightening the connection screw is allowed only once in order to
prevent a breakage of the litz wire.
Material data
Contact material
Copper alloy
Contact surface material
Ag
Contact carrier material
PC
Certificates / Approvals
Certification
CUL, GOST, UL
Accessories
Item
Designation
Description
Plug/Adapter
1636981
HC-M-MHR-PE16
Cable lug for HEAVYCON-MODULAR; PE connection extension
to 16 mm2, for crimping with crimp pliers


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn