Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

1605001 Datasheet(HTML) 2 Page - PHOENIX CONTACT

Part No. 1605001
Description  HC-M-HS-MOD-BU
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

1605001 Datasheet(HTML) 2 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
HC-M-HS-MOD-BU Order No.: 1605001
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1605001
PHOENIX CONTACT Deutschland GmbH
Page 2 / 5
http://www.phoenixcontact.de
Jan 27, 2011
Technical data
Electrical characteristics
Note
For housing HC-B6 up to B48 (housing height min 72 mm), for
housing HC-ADVANCE-B6 up to B24, hinged retaining frame HC-
M-MHR... required, axial connection for a 4 mm Allen wrench
Rated voltage (III/3)
1000 V
Rated current
100 A
Rated surge voltage
8 kV
Ambient temperature (operation)
-40 °C ... 125 °C
Number of positions
2
Mechanical characteristics
Conductor cross-section
16 mm² ... 35 mm²
Connection cross-section AWG
4 ... 2
Stripping length of the individual wire
13 mm
Tightening torque
6 Nm (16 mm2)
7 Nm (25 mm2)
8 Nm (35 mm2)
Wire diameter including insulation
11.4 mm
Hexagonal socket
SW 4
Insertion/withdrawal cycles
≥ 500
General characteristics
Number of module slots
2
Connection method
Axial screw connection
Inflammability class acc. to UL 94
V0
Pollution degree
3
Surge voltage category
III
Assembly instructions
Use HC housing h >= 72 mm. Connection of the wires using a
4 mm. Allen wrench.Axial screw connection only for stranded
wires.Plug-in connections may only be operated only when there
is no load/voltage.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn