Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6150A0XSO8B Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # A6150A0XSO8B
Description  High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A6150A0XSO8B Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button A6150A0XSO8B Datasheet HTML 6Page - List of Unclassifed Manufacturers A6150A0XSO8B Datasheet HTML 7Page - List of Unclassifed Manufacturers A6150A0XSO8B Datasheet HTML 8Page - List of Unclassifed Manufacturers A6150A0XSO8B Datasheet HTML 9Page - List of Unclassifed Manufacturers A6150A0XSO8B Datasheet HTML 10Page - List of Unclassifed Manufacturers A6150A0XSO8B Datasheet HTML 11Page - List of Unclassifed Manufacturers A6150A0XSO8B Datasheet HTML 12Page - List of Unclassifed Manufacturers A6150A0XSO8B Datasheet HTML 13Page - List of Unclassifed Manufacturers A6150A0XSO8B Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
A6150
TWD versus temperature at 5 V
T WD versus R at 5 V
OUTPUT Current versus INPUT Voltage
10’000
1000
100
10
1
-40
0
+40
TJ [°C]
Fig. 15
+80
R = 10 M
-20
+20
+60
R = 1 M
R = 100 k
R = 10 k
R = 1 k
0.1
10
100
1000 10’000
1
10
100
1000
10’000
R[kΩ]
Fig. 16
1
-40 °C
-20 °C
+25 °C
+70 °C
+85 °C
0
5
10
15
20
25
30
INPUT voltage [V]
Fig.17
20
0
40
60
80
100
T
A=+50 °C
T
A=+85 °C
T
A=+25 °C
SO8 package
soldered to PC board
T
Jmax = + 125
°C


Similar Part No. - A6150A0XSO8B

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
logo
List of Unclassifed Man...
A6150-U1 ETC2-A6150-U1 Datasheet
874Kb / 13P
   Impexa 2.4 GHz SMD Antenna
logo
AiT Semiconductor Inc.
A6150C5R-XX AITSEMI-A6150C5R-XX Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
A6150C5VR-XX AITSEMI-A6150C5VR-XX Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
A6150E5R-XXZ AITSEMI-A6150E5R-XXZ Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
More results

Similar Description - A6150A0XSO8B

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
A6250 EMMICRO-A6250 Datasheet
588Kb / 13P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
List of Unclassifed Man...
A6130 ETC1-A6130 Datasheet
500Kb / 14P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
V6150 ETC1-V6150 Datasheet
169Kb / 12P
   Power Surveillance and Software Monitoring
V6130 ETC-V6130 Datasheet
514Kb / 12P
   Accurate Power Surveillance and Software Monitoring
logo
EM Microelectronic - MA...
V6155 EMMICRO-V6155 Datasheet
171Kb / 12P
   Extremely Accurate Power Surveillance, Software Monitoring and Sleep Mode Detection
logo
List of Unclassifed Man...
V6170 ETC1-V6170 Datasheet
165Kb / 12P
   Accurate Voltage Window Surveillance and Software Monitoring
A6155 ETC1-A6155 Datasheet
462Kb / 15P
   High Efficiency Linear Power Supply
A6300 ETC1-A6300 Datasheet
196Kb / 8P
   High Efficiency Linear Power Supply
logo
Level One
FCS-9404 LVL1-FCS-9404 Datasheet
1Mb / 3P
   Powerful Surveillance Management Software
logo
Renesas Technology Corp
X80200 RENESAS-X80200 Datasheet
681Kb / 16P
   Power Supply Sequencer with Power-up System Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com