Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3EZ91D5 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 3EZ91D5
Description  3 Watts Surface Mount Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

3EZ91D5 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  3EZ91D5 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 3EZ91D5 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 3EZ91D5 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 3EZ91D5 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
3EZxxxD5 Series
Voltage 6.2V~200V
3 Watts Surface Mount Zener Diode
02-Jan-2018 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS
Nominal Zener
Voltage
Max. Zener Impedance
Max. Reverse
Leakage Current
Max.
DC
Zener
Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
Part
Number
Marking
Code
Nom. V
mA
mA
mA
uA
V
mA
3EZ6.2D5
3EZ6.2D5
6.2
121
1.5
121
700
1
5
3
435
3EZ6.8D5
3EZ6.8D5
6.8
110
2
110
700
1
5
4
393
3EZ7.5D5
3EZ7.5D5
7.5
100
2
100
700
0.5
5
5
360
3EZ8.2D5
3EZ8.2D5
8.2
91
2.3
91
700
0.5
5
6
330
3EZ9.1D5
3EZ9.1D5
9.1
82
2.5
82
700
0.5
3
7
297
3EZ10D5
3EZ10D5
10
75
3.5
75
700
0.25
3
7.6
270
3EZ11D5
3EZ11D5
11
68
4
68
700
0.25
1
8.4
225
3EZ12D5
3EZ12D5
12
63
4.5
63
700
0.25
1
9.1
246
3EZ13D5
3EZ13D5
13
58
4.5
58
700
0.25
0.5
9.9
208
3EZ14D5
3EZ14D5
14
53
5
53
700
0.25
0.5
10.6
193
3EZ15D5
3EZ15D5
15
50
5.5
50
700
0.25
0.5
11.4
180
3EZ16D5
3EZ16D5
16
47
5.5
47
700
0.25
0.5
12.2
169
3EZ17D5
3EZ17D5
17
44
6
44
750
0.25
0.5
13
159
3EZ18D5
3EZ18D5
18
42
6
42
750
0.25
0.5
13.7
150
3EZ19D5
3EZ19D5
19
40
7
40
750
0.25
0.5
14.4
142
3EZ20D5
3EZ20D5
20
37
7
37
750
0.25
0.5
15.2
135
3EZ22D5
3EZ22D5
22
34
8
34
750
0.25
0.5
16.7
123
3EZ24D5
3EZ24D5
24
31
9
31
750
0.25
0.5
18.2
112
3EZ27D5
3EZ27D5
27
28
10
28
750
0.25
0.5
20.6
100
3EZ28D5
3EZ28D5
28
27
12
27
750
0.25
0.5
21
96
3EZ30D5
3EZ30D5
30
25
16
25
1000
0.25
0.5
22.5
90
3EZ33D5
3EZ33D5
33
23
20
23
1000
0.25
0.5
25.1
82
3EZ36D5
3EZ36D5
36
21
22
21
1000
0.25
0.5
27.4
75
3EZ39D5
3EZ39D5
39
19
28
19
1000
0.25
0.5
29.7
69
3EZ43D5
3EZ43D5
43
17
33
17
1500
0.25
0.5
32.7
63
3EZ47D5
3EZ47D5
47
16
38
16
1500
0.25
0.5
35.6
57
3EZ51D5
3EZ51D5
51
15
45
15
1500
0.25
0.5
38.8
53
3EZ56D5
3EZ56D5
56
13
50
13
2000
0.25
0.5
42.6
48
3EZ62D5
3EZ62D5
62
12
55
12
2000
0.25
0.5
47.1
44
3EZ68D5
3EZ68D5
68
11
70
11
2000
0.25
0.5
51.7
40
3EZ75D5
3EZ75D5
75
10
85
10
2000
0.25
0.5
56
36


Similar Part No. - 3EZ91D5

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
3EZ91D5 EIC-3EZ91D5 Datasheet
37Kb / 3P
   SILICON ZENER DIODES
logo
Anova Technologies CO.,...
3EZ91D5 ANOVA-3EZ91D5 Datasheet
251Kb / 3P
   Axial Lead Zener Diodes
logo
Microsemi Corporation
3EZ91D5 MICROSEMI-3EZ91D5 Datasheet
69Kb / 2P
   SILICON 3 WATT ZENER DIODES
logo
Zibo Seno Electronic En...
3EZ91D5 ZSELEC-3EZ91D5 Datasheet
131Kb / 2P
   3.0W SILICON ZENER DIODE
logo
Jinan Gude Electronic D...
3EZ91D5 JGD-3EZ91D5 Datasheet
150Kb / 2P
   3W SILICON ZENER DIODE
More results

Similar Description - 3EZ91D5

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
3EZXXXD5 SECELECTRONICS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
logo
SeCoS Halbleitertechnol...
SMB3EZXXD5 SECOS-SMB3EZXXD5 Datasheet
265Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
SUNMATE electronic Co.,...
BZG03C10 SUNMATE-BZG03C10 Datasheet
170Kb / 2P
   3 Watts Surface Mount Zener Diodes
Z3SMB6V2 SUNMATE-Z3SMB6V2 Datasheet
209Kb / 2P
   3 Watts Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
SMA59XXB SECOS-SMA59XXB Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
ZTS270X SECOS-ZTS270X Datasheet
240Kb / 2P
   1.0 Watts Surface Mount Zener Diode
SMB5921 SECOS-SMB5921 Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
SMA4735 SECOS-SMA4735 Datasheet
318Kb / 4P
   1.0 Watts Surface Mount Zener Diode
SMA47XX SECOS-SMA47XX_15 Datasheet
193Kb / 3P
   1.0 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB_15 Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com