Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6300ACDL8A Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # A6300ACDL8A
Description  High Efficiency Linear Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A6300ACDL8A Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  A6300ACDL8A Datasheet HTML 1Page - List of Unclassifed Manufacturers A6300ACDL8A Datasheet HTML 2Page - List of Unclassifed Manufacturers A6300ACDL8A Datasheet HTML 3Page - List of Unclassifed Manufacturers A6300ACDL8A Datasheet HTML 4Page - List of Unclassifed Manufacturers A6300ACDL8A Datasheet HTML 5Page - List of Unclassifed Manufacturers A6300ACDL8A Datasheet HTML 6Page - List of Unclassifed Manufacturers A6300ACDL8A Datasheet HTML 7Page - List of Unclassifed Manufacturers A6300ACDL8A Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
A6300
Ordering Information
.
Part Number:
A6300 AQ SO8A
Threshold Voltage & Output Type
Package & Delivery Form
2.0V 2.4V 2.8V 3.5V 4.0V
Push-pull, Reset active low
AA* AB* AC* AD* AE*
Push-pull, Reset active high
AG* AH* AI*
AJ* AK*
Open drain, Reset active low AM* AN* AO* AP
AQ
Table 6
*= non stock item. Might be available on request and upon
minimum order quantity (please contact EM Microelectronic).
When ordering, please specify the complete Part Number without space between letters:
e.g. A6300AQSO8A,
A6300APSO8B, etc
Part Number
Package Marking
(first line)
A6300%%SO8A
6300%%
A6300%%SO8B
6300%%
A6300%%DL8A
6300%%
Where %% refers to the 2 letters for the threshold voltage in Table 6 (AP, AQ, etc.).
.
SO8B = 8-pin SOIC, Tape & Reel
SO8A = 8-pin SOIC, Stick
DL8A = 8-pin plastic DIP, Stick
EM Microelectronic-Marin SA cannot assume any responsibility for use of any circuitry described other than entirely
embodied in an EM Microelectronic-Marin SA product. EM Microelectronic-Marin SA reserves the right to change the
circuitry and specifications without notice at any time. You are strongly urged to ensure that the information given
has not been superseded by a more up-to-date version.
© 2002 EM Microelectronic-Marin SA, 03/02, Rev. F/465
EM Microelectronic-Marin SA, CH - 2074 Marin, Switzerland, Tel. +41 – (0)32 75 55 111, Fax +41 – (0)32 75 55 403


Similar Part No. - A6300ACDL8A

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6300A AITSEMI-A6300A Datasheet
759Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
A6300AE3R-XXA AITSEMI-A6300AE3R-XXA Datasheet
759Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
A6300AE3VR-XXA AITSEMI-A6300AE3VR-XXA Datasheet
759Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
A6300AE5R-XXA AITSEMI-A6300AE5R-XXA Datasheet
759Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
A6300AE5VR-XXA AITSEMI-A6300AE5VR-XXA Datasheet
759Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
More results

Similar Description - A6300ACDL8A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A6155 ETC1-A6155 Datasheet
462Kb / 15P
   High Efficiency Linear Power Supply
A6150 ETC1-A6150 Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
A6130 ETC1-A6130 Datasheet
500Kb / 14P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
EM Microelectronic - MA...
A6250 EMMICRO-A6250 Datasheet
588Kb / 13P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
CUI INC
EPA060200-S-T-SZ CUI-EPA060200-S-T-SZ Datasheet
723Kb / 7P
   linear power supply
EPA090050-S-T-SZ CUI-EPA090050-S-T-SZ Datasheet
755Kb / 7P
   linear power supply
EPA120100-S-T-SZ CUI-EPA120100-S-T-SZ Datasheet
750Kb / 7P
   linear power supply
EPA240050-P5R-SZ CUI-EPA240050-P5R-SZ Datasheet
265Kb / 7P
   linear power supply
EPA090100-S-T-SZ CUI-EPA090100-S-T-SZ Datasheet
749Kb / 7P
   linear power supply
EPA240050-S CUI-EPA240050-S Datasheet
742Kb / 7P
   linear power supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com