Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA8617 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # VCA8617
Description  8-Channel VARIABLE GAIN AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VCA8617 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button VCA8617 Datasheet HTML 5Page - Burr-Brown (TI) VCA8617 Datasheet HTML 6Page - Burr-Brown (TI) VCA8617 Datasheet HTML 7Page - Burr-Brown (TI) VCA8617 Datasheet HTML 8Page - Burr-Brown (TI) VCA8617 Datasheet HTML 9Page - Burr-Brown (TI) VCA8617 Datasheet HTML 10Page - Burr-Brown (TI) VCA8617 Datasheet HTML 11Page - Burr-Brown (TI) VCA8617 Datasheet HTML 12Page - Burr-Brown (TI) VCA8617 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
VCA8617
SBOS308B − AUGUST 2004 − REVISED NOVEMBER 2004
www.ti.com
9
TYPICAL CHARACTERISTICS: AVDD = 3V (continued)
At TA = +25°C, load resistance = 1kΩ on each output to ground, unless otherwise noted. The input to the preamp (LNA) is single-ended; pre-amp
gain is fixed at +20dB, fIN= 2MHz, PG = 01, ATN = 00, and the output from the VCA is differential, unless otherwise noted.
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
GAIN ERROR vs V
CNTRL
(PG = 10)
V
CNTRL (V)
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7
ATN = 01
ATN = 00
ATN = 10
ATN = 11
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
GAIN ERROR vs V
CNTRL
(PG = 11)
V
CNTRL (V)
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7
ATN = 01
ATN = 00
ATN = 10
ATN = 11
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
GAIN ERROR vs V
CNTRL
V
CNTRL (V)
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7
5MHz
2MHz
10MHz
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
GAIN ERROR vs VCA
CNTRL
VCA
CNTRL (V)
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7
+25
°C
−40
°C
+85
°C
285
284
283
282
281
280
279
278
277
276
275
274
273
272
271
270
269
268
TIME GAIN CONTROL (TGC) CURRENT
vs TEMPERATURE
40
20
0
20406080
Temperature (
°C)
220
218
216
214
212
210
208
206
204
202
200
198
196
CONTINUOUS WAVE (CW) CURRENT
vs TEMPERATURE
40
20
0
2040
6080
Temperature (
°C)


Similar Part No. - VCA8617

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA8617 TI1-VCA8617 Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
VCA8617PAGR TI1-VCA8617PAGR Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
VCA8617PAGT TI1-VCA8617PAGT Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
VCA8617PAGTG4 TI1-VCA8617PAGTG4 Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
VCA8617 TI1-VCA8617_14 Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
More results

Similar Description - VCA8617

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA8617 TI1-VCA8617_14 Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
VCA8613 TI-VCA8613 Datasheet
378Kb / 21P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
   Variable gain amplifier
5/21/2012
logo
Cooper Bussmann, Inc.
HMC6187LP4E COOPER-HMC6187LP4E Datasheet
1Mb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC996LP4E AD-HMC996LP4E Datasheet
479Kb / 8P
   VARIABLE GAIN AMPLIFIER
HMC6187LP4E AD-HMC6187LP4E Datasheet
1,008Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
RFHIC
2AM0405S RFHIC-2AM0405S Datasheet
890Kb / 9P
   Variable Gain Amplifier
logo
Analog Devices
AD8330 AD-AD8330_16 Datasheet
1Mb / 32P
   Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com