Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K3NR Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # K3NR
Description  High-speed, Intelligent Interface Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

K3NR Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  K3NR Datasheet HTML 1Page - List of Unclassifed Manufacturers K3NR Datasheet HTML 2Page - List of Unclassifed Manufacturers K3NR Datasheet HTML 3Page - List of Unclassifed Manufacturers K3NR Datasheet HTML 4Page - List of Unclassifed Manufacturers K3NR Datasheet HTML 5Page - List of Unclassifed Manufacturers K3NR Datasheet HTML 6Page - List of Unclassifed Manufacturers K3NR Datasheet HTML 7Page - List of Unclassifed Manufacturers K3NR Datasheet HTML 8Page - List of Unclassifed Manufacturers K3NR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Frequency/Rate Meter
K3NR
K-133
I Input/Output Ratings
Relay Contact Output
(Incorporating a G6B Relay)
Transistor Output
BCD Output
Note: Logic method: negative logic
Linear Output
Note: For the 1 mV/10-digit output, the output voltage changes for every 40 to 50 increment in the display value.
I Communications Specifications
For details, refer to Communication Operation Manual.
Item
Resistive load (cos
φ = 1)
Inductive load (cos
φ = 0.4, L/R = 7 ms)
Rated load
5 A at 250 VAC; 5 A at 30 VDC
1.5 A at 250 VAC, 1.5 A at 30 VDC
Rated carry current
5 A max. (at COM terminal)
Max. contact voltage
380 VAC, 125 VDC
Max. contact current
5 A max. (at COM terminal)
Max. switching capacity
1,250 VA, 150 W
375 VA, 80 W
Min. permissible load
(P level, reference value)
10 mA at 5 VDC
Mechanical life
50,000,000 times min. (at a switching frequency of 18,000 times/hr)
Electrical life
(at an ambient temperature of 23
°C)
100,000 times min. (at a rated load switching frequency of 1,800 times/hr)
Rated load voltage
24 VDC max.
Max. load current
50 mA
Leakage current
100
µA max.
I/O signal name
Item
Rating
Inputs
REQUEST, HOLD, MAX, MIN, RESET
Input signal
No-voltage contact input
Input current with no-voltage input
10 mA
Signal level
ON voltage: 1.5 V max.
OFF voltage: 3 V min.
Outputs
DATA, POLARITY, OVERFLOW,
DATA VALID, RUN
Rated load voltage
24 VDC max.
Max. load current
10 mA
Leakage current
100
µA max.
Item
4 to 20 mA
1 to 5 V
1 mV/10 digits (see note)
Resolution
4,096
Output error
±0.5% FS
±1.5% FS
Permissible load resistance
600
Ω max.
500
Ω min.
1 K
Ω min.
Item
RS-232C, RS-422
RS-485
Transmission method
4-wire, half-duplex
2-wire, half-duplex
Synchronization method
Start-stop synchronization
Baud rate
1,200/2,400/4,800/9,600/19,200/38,400 bps
Transmission code
ASCII (7-bit)
Communications
Write
Comparative set value, prescaling value, remote/local programming, reset control of maximum/mini-
mum values, and other setting mode items excluding communications conditions.
Read
Process value, comparative set value, maximum value, minimum value, model data, error code, and
others


Similar Part No. - K3NR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K3NC OMRON-K3NC Datasheet
685Kb / 23P
   Up/Down Counting Meter
K3NC-NB1A OMRON-K3NC-NB1A Datasheet
685Kb / 23P
   Up/Down Counting Meter
K3NC-NB1C OMRON-K3NC-NB1C Datasheet
685Kb / 23P
   Up/Down Counting Meter
K3NC-NB2A OMRON-K3NC-NB2A Datasheet
685Kb / 23P
   Up/Down Counting Meter
K3NC-NB2C OMRON-K3NC-NB2C Datasheet
685Kb / 23P
   Up/Down Counting Meter
More results

Similar Description - K3NR

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
M502M SYSTEMSENSOR-M502M Datasheet
394Kb / 2P
   Intelligent Modules
logo
Mitsubishi Electric Sem...
PM50B5L1C060 MITSUBISHI-PM50B5L1C060 Datasheet
349Kb / 12P
   INTELLIGENT POWER MODULES
PM75B5L1C060 MITSUBISHI-PM75B5L1C060 Datasheet
345Kb / 12P
   INTELLIGENT POWER MODULES
PM10CNJ060 MITSUBISHI-PM10CNJ060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM50RLA060 MITSUBISHI-PM50RLA060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM75CLA120 MITSUBISHI-PM75CLA120 Datasheet
95Kb / 6P
   INTELLIGENT POWER MODULES
PM75RSE120 MITSUBISHI-PM75RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM50B4L1C060 MITSUBISHI-PM50B4L1C060 Datasheet
327Kb / 10P
   INTELLIGENT POWER MODULES
logo
Crystalfontz America, I...
CFA632 CRYSTAIFONTZ-CFA632 Datasheet
5Mb / 54P
   INTELLIGENT LCD MODULES
logo
Mitsubishi Electric Sem...
PM50RSE120 MITSUBISHI-PM50RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com