Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K3NR-PB2A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # K3NR-PB2A
Description  High-speed, Intelligent Interface Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

K3NR-PB2A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  K3NR-PB2A Datasheet HTML 1Page - List of Unclassifed Manufacturers K3NR-PB2A Datasheet HTML 2Page - List of Unclassifed Manufacturers K3NR-PB2A Datasheet HTML 3Page - List of Unclassifed Manufacturers K3NR-PB2A Datasheet HTML 4Page - List of Unclassifed Manufacturers K3NR-PB2A Datasheet HTML 5Page - List of Unclassifed Manufacturers K3NR-PB2A Datasheet HTML 6Page - List of Unclassifed Manufacturers K3NR-PB2A Datasheet HTML 7Page - List of Unclassifed Manufacturers K3NR-PB2A Datasheet HTML 8Page - List of Unclassifed Manufacturers K3NR-PB2A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
K-130
Frequency/Rate Meter
K3NR
Ordering Information
I Base Unit
I Available Output Board Combinations
Note: For details, refer to the Communication Operation Manual.
Input type
NPN/Voltage pulse
PNP
Supply voltage
100 to 240 VAC
12 to 24 VDC
100 to 240 VAC
12 to 24 VDC
K3NR-NB1A
K3NR-NB2A
K3NR-PB1A
K3NR-PB2A
K3NR-NB1C
K3NR-NB2C
K3NR-PB1C
K3NR-PB2C
Output type
Output configuration
Output boards
Base units
Basic
Set Value
LED Display
Relay contact
3 outputs: H, PASS, L (SPDT)
K31-C1
Yes
Yes
5 outputs: HH, H, L, LL (SPST-NO), and PASS (SPDT)
K31-C2
Yes
Yes
5 outputs: HH, H, L, LL (SPST-NC), and PASS (SPDT)
K31-C5
Yes
Yes
Transistor
5 outputs (NPN open collector)
K31-T1
Yes
Yes
5 outputs (PNP open collector)
K31-T2
Yes
Yes
BCD (see note)
5-digit output (NPN open collector)
K31-B2
Yes
---
Linear
4 to 20 mA DC
K31-L1
Yes
---
1 to 5 VDC
K31-L2
Yes
---
1 mV/10 digits
K31-L3
Yes
---
0 to 5 VDC
K31-L7
Yes
---
0 to 10 VDC
K31-L8
Yes
---
Communication boards
(see note)
RS-232C
K31-FLK1
Yes
---
RS-485
K31-FLK2
Yes
---
RS-422
K31-FLK3
Yes
---
Combination output and
communication boards
BCD output + 5 transistor outputs (NPN open collector)
K31-B4
Yes
Yes
4 to 20 mA + 5 transistor outputs (NPN open collector)
K31-L4
Yes
Yes
1 to 5 V + 5 transistor outputs (NPN open collector)
K31-L5
Yes
Yes
1 mV/10 digits + 5 transistor outputs (NPN open collector)
K31-L6
Yes
Yes
0 to 5 VDC + 5 transistor outputs (NPN open collector)
K31-L9
Yes
Yes
0 to 10 VDC + 5 transistor outputs (NPN open collector)
K31-L10
Yes
Yes
RS-232C + 5 transistor outputs (NPN open collector)
K31-FLK4
Yes
Yes
RS-485 + 5 transistor outputs (NPN open collector)
K31-FLK5
Yes
Yes
RS-422 + 5 transistor outputs (NPN open collector)
K31-FLK6
Yes
Yes
Basic Models
These models provide a
present value LED and
front-panel control keys. Can
be connected to any Output
Board, or can be used for
display only without an
Output Board.
Set Value LED Models
These models provide a
present value LED, set
value LED, and front-panel
control keys. Can be
connected to Relay,
Transistor, or Combination
Output Boards.


Similar Part No. - K3NR-PB2A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K3NC OMRON-K3NC Datasheet
685Kb / 23P
   Up/Down Counting Meter
K3NC-NB1A OMRON-K3NC-NB1A Datasheet
685Kb / 23P
   Up/Down Counting Meter
K3NC-NB1C OMRON-K3NC-NB1C Datasheet
685Kb / 23P
   Up/Down Counting Meter
K3NC-NB2A OMRON-K3NC-NB2A Datasheet
685Kb / 23P
   Up/Down Counting Meter
K3NC-NB2C OMRON-K3NC-NB2C Datasheet
685Kb / 23P
   Up/Down Counting Meter
More results

Similar Description - K3NR-PB2A

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
M502M SYSTEMSENSOR-M502M Datasheet
394Kb / 2P
   Intelligent Modules
logo
Mitsubishi Electric Sem...
PM50B5L1C060 MITSUBISHI-PM50B5L1C060 Datasheet
349Kb / 12P
   INTELLIGENT POWER MODULES
PM75B5L1C060 MITSUBISHI-PM75B5L1C060 Datasheet
345Kb / 12P
   INTELLIGENT POWER MODULES
PM10CNJ060 MITSUBISHI-PM10CNJ060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM50RLA060 MITSUBISHI-PM50RLA060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM75CLA120 MITSUBISHI-PM75CLA120 Datasheet
95Kb / 6P
   INTELLIGENT POWER MODULES
PM75RSE120 MITSUBISHI-PM75RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM50B4L1C060 MITSUBISHI-PM50B4L1C060 Datasheet
327Kb / 10P
   INTELLIGENT POWER MODULES
logo
Crystalfontz America, I...
CFA632 CRYSTAIFONTZ-CFA632 Datasheet
5Mb / 54P
   INTELLIGENT LCD MODULES
logo
Mitsubishi Electric Sem...
PM50RSE120 MITSUBISHI-PM50RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com