Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-6620 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HLMP-6620
Description  Subminiature LED Lamps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-6620 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-6620 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-6620 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-6620 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-6620 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-6620 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-6620 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-6620 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-6620 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-6620 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
HLMP-Pxxx Series, HLMP-Qxxx Series
HLMP-6xxx Series, HLMP-70xx Series
Agilent HLMP-Pxxx
Subminiature LED Lamps
Data Sheet
Features
Subminiature flat top package
– ideal for backlighting and light
piping applications
Subminiature dome package
– diffused dome for wide viewing
angle
– nondiffused dome for high
brightness
TTL and LSTTL compatible 5 volt
resistor lamps
Available in six colors
Ideal for space limited
applications
Axial leads
Available with lead configurations
for surface mount and through
hole PC board mounting
Description
Flat Top Package
The HLMP-Pxxx Series flat top
lamps use an untinted, non-
diffused, truncated lens to
provide a wide radiation pattern
that is necessary for use in
backlighting applications. The
flat top lamps are also ideal for
use as emitters in light pipe
applications.
Dome Packages
The HLMP-6xxx Series dome
lamps for use as indicators use a
tinted, diffused lens to provide a
wide viewing angle with a high
on-off contrast ratio. High
brightness lamps use an
untinted, nondiffused lens to
provide a high luminous
intensity within a narrow
radiation pattern.
Resistor Lamps
The HLMP-6xxx Series 5 volt
subminiature lamps with built in
current limiting resistors are for
use in applications where space
is at a premium.
Lead Configurations
All of these devices are made by
encapsulating LED chips on
axial lead frames to form molded
epoxy subminiature lamp
packages. A variety of package
configuration options is avail-
able. These include special
surface mount lead configura-
tions, gull wing, yoke lead or
Z-bend. Right angle lead bends
at 2.54 mm (0.100 inch) and
5.08 mm (0.200 inch) center
spacing are available for through
hole mounting. For more
information refer to Standard
SMT and Through Hole Lead
Bend Options for Subminiature
LED Lamps data sheet.


Similar Part No. - HLMP-6620

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-6620 QT-HLMP-6620 Datasheet
211Kb / 2P
   subminiature t-3/4 5-volt resistor lamps
logo
Broadcom Corporation.
HLMP-6620 BOARDCOM-HLMP-6620 Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-6620-F001S AVAGO-HLMP-6620-F001S Datasheet
240Kb / 16P
   Subminiature LED Lamps
More results

Similar Description - HLMP-6620

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Q105-P0031 AVAGO-HLMP-Q105-P0031 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6400-F0011 AVAGO-HLMP-6400-F0011 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-7019 AVAGO-HLMP-7019 Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Broadcom Corporation.
HLMP-PXXX BOARDCOM-HLMP-PXXX Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-6820-F0010 AVAGO-HLMP-6820-F0010 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6620-F001S AVAGO-HLMP-6620-F001S Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-PH00 HP-HLMA-PH00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
HLMA-PF00 HP-HLMA-PF00 Datasheet
152Kb / 11P
   Subminiature High Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-P106 BOARDCOM-HLMP-P106 Datasheet
668Kb / 11P
   Subminiature High-Performance Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMT-QL00 AVAGO-HLMT-QL00 Datasheet
77Kb / 9P
   Subminiature High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com