Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847BPDXV6T5 Datasheet(PDF) 5 Page - ON Semiconductor

Part # BC847BPDXV6T5
Description  Dual General Purpose Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC847BPDXV6T5 Datasheet(HTML) 5 Page - ON Semiconductor

  BC847BPDXV6T5 Datasheet HTML 1Page - ON Semiconductor BC847BPDXV6T5 Datasheet HTML 2Page - ON Semiconductor BC847BPDXV6T5 Datasheet HTML 3Page - ON Semiconductor BC847BPDXV6T5 Datasheet HTML 4Page - ON Semiconductor BC847BPDXV6T5 Datasheet HTML 5Page - ON Semiconductor BC847BPDXV6T5 Datasheet HTML 6Page - ON Semiconductor BC847BPDXV6T5 Datasheet HTML 7Page - ON Semiconductor BC847BPDXV6T5 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BC847BPDXV6T1, BC847BPDXV6T5
http://onsemi.com
5
TYPICAL PNP CHARACTERISTICS
Figure 7. Normalized DC Current Gain
IC, COLLECTOR CURRENT (mAdc)
2.0
Figure 8. “Saturation” and “On” Voltages
IC, COLLECTOR CURRENT (mAdc)
−0.2
0.2
Figure 9. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 10. Base-Emitter Temperature
Coefficient
IC, COLLECTOR CURRENT (mA)
−0.6
−0.7
−0.8
−0.9
−1.0
−0.5
0
−0.2
−0.4
−0.1
−0.3
1.6
1.2
2.0
2.8
2.4
−1.2
−1.6
−2.0
−0.02
−1.0
−10
0
−20
−0.1
−0.4
−0.8
1.5
1.0
0.7
0.5
0.3
−0.2
−10
−100
−1.0
TA = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = −10 V
VCE = −10 V
TA = 25°C
−55°C to +125°C
IC = −100 mA
IC = −20 mA
−0.5 −1.0 −2.0
−5.0 −10
−20
−50 −100 −200
−0.1 −0.2
−0.5 −1.0 −2.0
−5.0
−10 −20
−50 −100
IC = −200 mA
IC = −50 mA
IC =
−10 mA
Figure 11. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
Figure 12. Current-Gain - Bandwidth Product
IC, COLLECTOR CURRENT (mAdc)
−0.4
1.0
80
100
200
300
400
60
20
40
30
7.0
5.0
3.0
2.0
−0.5
TA = 25°C
Cob
Cib
−0.6
−1.0
−2.0
−4.0 −6.0
−10
−20 −30 −40
150
−1.0
−2.0 −3.0
−5.0
−10
−20 −30
−50
VCE = −10 V
TA = 25°C
TA = 25°C
1.0


Similar Part No. - BC847BPDXV6T5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC847BPDXV6T5 ONSEMI-BC847BPDXV6T5 Datasheet
82Kb / 8P
   Dual General Purpose Transistor
September, 2005 ??Rev. 1
BC847BPDXV6T5G ONSEMI-BC847BPDXV6T5G Datasheet
82Kb / 8P
   Dual General Purpose Transistor
September, 2005 ??Rev. 1
BC847BPDXV6T5G ONSEMI-BC847BPDXV6T5G Datasheet
116Kb / 6P
   NPN/PNP Dual General Purpose Transistor
May, 2013 ??Rev. 2
More results

Similar Description - BC847BPDXV6T5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC858CDXV6 ONSEMI-BC858CDXV6 Datasheet
65Kb / 6P
   Dual General Purpose Transistor
March, 2003 - Rev. 2
MBT3946DW1T1G ONSEMI-MBT3946DW1T1G Datasheet
246Kb / 10P
   Dual General Purpose Transistor
October, 2009 ??Rev. 5
logo
Unisonic Technologies
IMX2 UTC-IMX2_11 Datasheet
100Kb / 2P
   GENERAL PURPOSE DUAL TRANSISTOR
logo
WILLAS ELECTRONIC CORP
MMBT2907ADW1T1 WILLAS-MMBT2907ADW1T1 Datasheet
437Kb / 5P
   Dual General Purpose Transistor
logo
ON Semiconductor
NST3904DP6T5G ONSEMI-NST3904DP6T5G Datasheet
101Kb / 4P
   Dual General Purpose Transistor
April, 2008 ??Rev. 0
NST3946DW1T1 ONSEMI-NST3946DW1T1 Datasheet
168Kb / 12P
   Dual General Purpose Transistor
January, 2004 ??Rev. 2
EMT1DXV6 ONSEMI-EMT1DXV6_14 Datasheet
60Kb / 4P
   Dual General Purpose Transistor
November, 2014 ??Rev. 2
logo
Unisonic Technologies
IMT17 UTC-IMT17_15 Datasheet
194Kb / 4P
   GENERAL PURPOSE DUAL TRANSISTOR
logo
ON Semiconductor
MBT3906DW1T1 ONSEMI-MBT3906DW1T1 Datasheet
111Kb / 6P
   Dual General Purpose Transistor
January, 2005 ??Rev. 1
logo
Leshan Radio Company
LMBT3904DW1T1G LRC-LMBT3904DW1T1G_15 Datasheet
246Kb / 7P
   Dual General Purpose Transistor
logo
Unisonic Technologies
UMZ1N UTC-UMZ1N_15 Datasheet
95Kb / 3P
   GENERAL PURPOSE DUAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com