Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847BPDXV6T5 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BC847BPDXV6T5
Description  Dual General Purpose Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC847BPDXV6T5 Datasheet(HTML) 3 Page - ON Semiconductor

  BC847BPDXV6T5 Datasheet HTML 1Page - ON Semiconductor BC847BPDXV6T5 Datasheet HTML 2Page - ON Semiconductor BC847BPDXV6T5 Datasheet HTML 3Page - ON Semiconductor BC847BPDXV6T5 Datasheet HTML 4Page - ON Semiconductor BC847BPDXV6T5 Datasheet HTML 5Page - ON Semiconductor BC847BPDXV6T5 Datasheet HTML 6Page - ON Semiconductor BC847BPDXV6T5 Datasheet HTML 7Page - ON Semiconductor BC847BPDXV6T5 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BC847BPDXV6T1, BC847BPDXV6T5
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (PNP) (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector - Emitter Breakdown Voltage
(IC = -10 mA)
V(BR)CEO
-45
-
-
V
Collector - Emitter Breakdown Voltage
(IC = -10 µA, VEB = 0)
V(BR)CES
-50
-
-
V
Collector - Base Breakdown Voltage
(IC = -10 mA)
V(BR)CBO
-50
-
-
V
Emitter - Base Breakdown Voltage
(IE = -1.0 mA)
V(BR)EBO
-5.0
-
-
V
Collector Cutoff Current (VCB = -30 V)
Collector Cutoff Current (VCB = -30 V, TA = 150°C)
ICBO
-
-
-
-
-15
-4.0
nA
µA
ON CHARACTERISTICS
DC Current Gain
(IC = -10 µA, VCE = -5.0 V)
(IC = -2.0 mA, VCE = -5.0 V)
hFE
-
200
150
290
-
475
-
Collector - Emitter Saturation Voltage
(IC = -10 mA, IB = -0.5 mA)
(IC = -100 mA, IB = -5.0 mA)
VCE(sat)
-
-
-
-
-0.3
-0.65
V
Base - Emitter Saturation Voltage
(IC = -10 mA, IB = -0.5 mA)
(IC = -100 mA, IB = -5.0 mA)
VBE(sat)
-
-
-0.7
-0.9
-
-
V
Base - Emitter On Voltage
(IC = -2.0 mA, VCE = -5.0 V)
(IC = -10 mA, VCE = -5.0 V)
VBE(on)
-0.6
-
-
-
-0.75
-0.82
V
SMALL- SIGNAL CHARACTERISTICS
Current - Gain - Bandwidth Product
(IC = -10 mA, VCE = -5.0 Vdc, f = 100 MHz)
fT
100
-
-
MHz
Output Capacitance
(VCB = -10 V, f = 1.0 MHz)
Cob
-
-
4.5
pF
Noise Figure
(IC = -0.2 mA, VCE = -5.0 Vdc, RS = 2.0 kΩ,
f = 1.0 kHz, BW = 200 Hz)
NF
-
-
10
dB


Similar Part No. - BC847BPDXV6T5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC847BPDXV6T5 ONSEMI-BC847BPDXV6T5 Datasheet
82Kb / 8P
   Dual General Purpose Transistor
September, 2005 ??Rev. 1
BC847BPDXV6T5G ONSEMI-BC847BPDXV6T5G Datasheet
82Kb / 8P
   Dual General Purpose Transistor
September, 2005 ??Rev. 1
BC847BPDXV6T5G ONSEMI-BC847BPDXV6T5G Datasheet
116Kb / 6P
   NPN/PNP Dual General Purpose Transistor
May, 2013 ??Rev. 2
More results

Similar Description - BC847BPDXV6T5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC858CDXV6 ONSEMI-BC858CDXV6 Datasheet
65Kb / 6P
   Dual General Purpose Transistor
March, 2003 - Rev. 2
MBT3946DW1T1G ONSEMI-MBT3946DW1T1G Datasheet
246Kb / 10P
   Dual General Purpose Transistor
October, 2009 ??Rev. 5
logo
Unisonic Technologies
IMX2 UTC-IMX2_11 Datasheet
100Kb / 2P
   GENERAL PURPOSE DUAL TRANSISTOR
logo
WILLAS ELECTRONIC CORP
MMBT2907ADW1T1 WILLAS-MMBT2907ADW1T1 Datasheet
437Kb / 5P
   Dual General Purpose Transistor
logo
ON Semiconductor
NST3904DP6T5G ONSEMI-NST3904DP6T5G Datasheet
101Kb / 4P
   Dual General Purpose Transistor
April, 2008 ??Rev. 0
NST3946DW1T1 ONSEMI-NST3946DW1T1 Datasheet
168Kb / 12P
   Dual General Purpose Transistor
January, 2004 ??Rev. 2
EMT1DXV6 ONSEMI-EMT1DXV6_14 Datasheet
60Kb / 4P
   Dual General Purpose Transistor
November, 2014 ??Rev. 2
logo
Unisonic Technologies
IMT17 UTC-IMT17_15 Datasheet
194Kb / 4P
   GENERAL PURPOSE DUAL TRANSISTOR
logo
ON Semiconductor
MBT3906DW1T1 ONSEMI-MBT3906DW1T1 Datasheet
111Kb / 6P
   Dual General Purpose Transistor
January, 2005 ??Rev. 1
logo
Leshan Radio Company
LMBT3904DW1T1G LRC-LMBT3904DW1T1G_15 Datasheet
246Kb / 7P
   Dual General Purpose Transistor
logo
Unisonic Technologies
UMZ1N UTC-UMZ1N_15 Datasheet
95Kb / 3P
   GENERAL PURPOSE DUAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com