Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24032 Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ24032
Description  SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24032 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24032 Datasheet HTML 6Page - Texas Instruments BQ24032 Datasheet HTML 7Page - Texas Instruments BQ24032 Datasheet HTML 8Page - Texas Instruments BQ24032 Datasheet HTML 9Page - Texas Instruments BQ24032 Datasheet HTML 10Page - Texas Instruments BQ24032 Datasheet HTML 11Page - Texas Instruments BQ24032 Datasheet HTML 12Page - Texas Instruments BQ24032 Datasheet HTML 13Page - Texas Instruments BQ24032 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
www.ti.com
AC
USB
+
Reference, Bias & UVLO
ISET2
Thermal
Shutdown
Precharge
Recharge
Term
STAT1
STAT2
PSEL
Suspend
Sleep (AC)
Sleep (USB)
VSS
TS
BAT Charge Enable
USB Charge Enable
500 mA/ 100 mA
*
*
*
*
*
*
*
*
Signal Deglitched
UVLO
+
+
1 V
DPPM
Power Source Selection
+
+
60 mV
200 mV
+
+
+
+
Disable−
Sleep
DPPM
Scaling
ISET1
BAT
3.3−V LDO
LDO
OUT
AC Charge Enable
Q2
Q3
Short Circuit
Recovery
BAT
Short−Circuit
Recovery
USB
Charge
Enable
100 mA / 500 mA
BAT
Charge
Enable
Short−Circuit Recovery
+
Q1
USB
Charge
Enable
AC
100 mA /
500 mA
+
TMR
Oscillator
500
VO(OUT)
VO(LDO)
VI(BAT)
VI(ISET1)
VI(IUSB−SNS)
1 k
500
VI(IUSB−SNS)
VO(OUT)
VO(OUT−REG)
VIO(AC)
Charge
Enable
VI(IUSB−SNS)
VO(BAT−REG)
VI(BAT)
VO(BAT−REG)
VI(BAT)
VI(ISET1)
Fast Precharge
VO(OUT)
I(DPPM)
VSET
VSET
VDPPM
TJ
TJ(REG)
VSET
V(HTF)
V(LTF)
VO(BAT−REG)
VBAT
VBAT
CE
I(TS)
VI(ISET1)
VBAT
VAC
VBAT
VUSB
VI(BAT)
VO(OUT)
V(SET)
C/S − 100 mA
1C − 500 mA
Fast Precharge
UDG−04084
ACPG
USBPG
Charge
Control
Timer
and
Display
Logic
UDG−04084
Recovery
Fault
10 mA
1 V
280 k
bq24030, bq24031, bq24032,
bq24032A, bq24035, bq24038, bq24039
SLUS618C – AUGUST 2004 – REVISED JUNE 2005
FUNCTIONAL BLOCK DIAGRAM FOR bq24030/2/5 ONLY (1)(2)
(1)
For bq24039 (product preview) see bq24039 Differences in the Functional Descriptions section.
(2)
For bq24038 see bq24038 Differences in the Functional Descriptions section.
10


Similar Part No. - BQ24032

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24032A TI-BQ24032A Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24032ARHLR TI-BQ24032ARHLR Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24032ARHLRG4 TI-BQ24032ARHLRG4 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24032ARHLT TI-BQ24032ARHLT Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24032ARHLTG4 TI-BQ24032ARHLTG4 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
More results

Similar Description - BQ24032

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI1-BQ24070_14 Datasheet
1Mb / 33P
[Old version datasheet]   System Power-Path Management IC
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
   Charge and Charge Management IC
TC9016 FUMAN-TC9016 Datasheet
322Kb / 5P
   Charge and Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com