Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM385B-2.5CSBG Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # LM385B-2.5CSBG
Description  Micropower Voltage Reference
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

LM385B-2.5CSBG Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  LM385B-2.5CSBG Datasheet HTML 1Page - Analog Intergrations Corporation LM385B-2.5CSBG Datasheet HTML 2Page - Analog Intergrations Corporation LM385B-2.5CSBG Datasheet HTML 3Page - Analog Intergrations Corporation LM385B-2.5CSBG Datasheet HTML 4Page - Analog Intergrations Corporation LM385B-2.5CSBG Datasheet HTML 5Page - Analog Intergrations Corporation LM385B-2.5CSBG Datasheet HTML 6Page - Analog Intergrations Corporation LM385B-2.5CSBG Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LM385-2.5/LM385B-2.5
4
n TYPICAL PERFORMANCE CHARACTERISTICS
Fig. 1 Reverse Characteristics
Reverse Current (µA)
0.1
1
10
100
0
0.5
1
1.5
2
2.5
3
125°C
25°C
-25°C
Fig. 2 Reverse Characteristics
Reverse Current (mA)
0.01
0.1
1
10
100
0
2
4
6
8
-2
-25°C
25°C
80°C
Fig. 3 Forward Characteristics
Forward Current (mA)
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
125°C
25°C
-25°C
Fig. 4 Response Time
Time (µS)
0
200
400
600
800
1000
0
0.5
1
1.5
2
2.5
12.5
100K
Output (1)
Input (2)
Output
Input
Fig. 5 Temperature Drift
Temperature (°C)
0
20
40
60
80
100
-20
2.48
2.49
2.5
2.51
2.52
Fig. 6 Noise Voltage (nV Hz
/
)
Frequency (Hz)
100
1000
1000
10000
200
400
600
800
1000


Similar Part No. - LM385B-2.5CSBG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results

Similar Description - LM385B-2.5CSBG

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com