Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV1603FCG70 Datasheet(PDF) 9 Page - Brilliance Semiconductor

Part # BS62LV1603FCG70
Description  Very Low Power/Voltage CMOS SRAM 2M X 8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV1603FCG70 Datasheet(HTML) 9 Page - Brilliance Semiconductor

  BS62LV1603FCG70 Datasheet HTML 1Page - Brilliance Semiconductor BS62LV1603FCG70 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV1603FCG70 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV1603FCG70 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV1603FCG70 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV1603FCG70 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV1603FCG70 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV1603FCG70 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV1603FCG70 Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Revision 1.1
Jan.
2004
9
BS62LV1603
BSI
R0201-BS62LV1603
3: SYMBOL "N" IS THE NUMBER OF SOLDER BALLS.
1: CONTROLLING DIMENSIONS ARE IN MILLIMETERS.
2: PIN#1 DOT MARKING BY LASER OR PAD PRINT.
N
E
D
NOTES:
48
12.0
9.0
E1
D1
e
3.75
5.25
0.75
SIDE VIEW
D0.1
D1
SOLDER BALL 0.35±0.05
VIEW A
3.375
PACKAGE DIMENSIONS (continued)
48 mini-BGA (9mm x 12mm)


Similar Part No. - BS62LV1603FCG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1600 BSI-BS62LV1600 Datasheet
266Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV1600 BSI-BS62LV1600 Datasheet
207Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
BS62LV1600 BSI-BS62LV1600 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
BS62LV1600EC BSI-BS62LV1600EC Datasheet
266Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV1600EC55 BSI-BS62LV1600EC55 Datasheet
207Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
More results

Similar Description - BS62LV1603FCG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1605 BSI-BS62LV1605 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV1600 BSI-BS62LV1600 Datasheet
266Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV1600 BSI-BS62LV1600_06 Datasheet
207Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
BS62LV1600 BSI-BS62LV1600_08 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
BS616LV1626 BSI-BS616LV1626 Datasheet
255Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
logo
List of Unclassifed Man...
BS616LV1623 ETC-BS616LV1623 Datasheet
256Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
logo
Brilliance Semiconducto...
BS616LV1622 BSI-BS616LV1622 Datasheet
257Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS62LV1029 BSI-BS62LV1029 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1025 BSI-BS62LV1025 Datasheet
382Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV2005 BSI-BS62LV2005 Datasheet
279Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com