Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP84244 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP84244
Description  TRI-STATE Drivers Which are Designed For Heavy Capacitive Load Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP84244 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP84244 Datasheet HTML 1Page - National Semiconductor (TI) DP84244 Datasheet HTML 2Page - National Semiconductor (TI) DP84244 Datasheet HTML 3Page - National Semiconductor (TI) DP84244 Datasheet HTML 4Page - National Semiconductor (TI) DP84244 Datasheet HTML 5Page - National Semiconductor (TI) DP84244 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5219
March 1986
DP84240DP84244 Octal TRI-STATE
MOS Drivers
General Description
The DP84240 and DP84244 are octal TRI-STATE drivers
which are designed for heavy capacitive load applications
such as fast data buffers or as memory address drivers The
DP84240 is an inverting driver which is pin-compatible with
both the 74S240 and AM2965 The DP84244 is a non-in-
verting driver which is pin-compatible with the 74S244 and
AM2966 These parts are fabricated using an oxide isolation
process for much faster speeds and are specified for
250 pF and 500 pF load capacitances
TRI-STATE
is a registered trademark of National Semiconductor Corp
Features
Y
tpd specified with 250 pF and 500 pF loads
Y
Output specified from 08V to 27V
Y
Designed for symmetric rise and fall times at 500 pF
Y
Outputs glitch free at power up and power down
Y
PNP inputs reduce DC loading on bus lines
Y
Low static and dynamic input capacitance
Y
Low skew times between edges and pins
Y
AC parameters specified with all outputs switching
simultaneously
Connection Diagram
Truth Table
DP84240
TLF5219 – 1
Top View
Order Number DP84240J or DP84240N
See NS Package Numbers J20A or N20A
Inputs
Outputs
G
AY
HX
Z
LL
H
LH
L
H e High Level
L e Low Level
X e Don’t Care
Z e High Impedance
DP84244
TLF5219 – 2
Top View
Order Number DP84244J or DP84244N
See NS Package Numbers J20A or N20A
Inputs
Outputs
G
AY
HX
Z
LL
L
LH
H
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DP84244

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8420A NSC-DP8420A Datasheet
824Kb / 58P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8420AV-20 NSC-DP8420AV-20 Datasheet
824Kb / 58P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8420AV-25 NSC-DP8420AV-25 Datasheet
824Kb / 58P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8420V NSC-DP8420V Datasheet
824Kb / 60P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8420V-33 NSC-DP8420V-33 Datasheet
824Kb / 60P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
More results

Similar Description - DP84244

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1692 NSC-DS1692 Datasheet
139Kb / 6P
   TRI-STATE Differential Line Drivers
DS3628 NSC-DS3628 Datasheet
122Kb / 4P
   Octal TRI-STATE MOS Drivers
logo
Texas Instruments
DS1691A TI1-DS1691A Datasheet
1,000Kb / 15P
[Old version datasheet]   Line Drivers with TRI-STATE Outputs
logo
National Semiconductor ...
DM74S940 NSC-DM74S940 Datasheet
117Kb / 2P
   TRI-STATE Buffers/Line Drivers/Line Receivers
logo
Holt Integrated Circuit...
HI-3718 HOLTIC-HI-3718 Datasheet
1Mb / 17P
   Line drivers have independent tri-state control
logo
HuaXinAn Electronics CO...
JQX-14FCA HUAXINAN-JQX-14FCA Datasheet
745Kb / 2P
   Heavy load, suitable for heavy power reverse
logo
Sanyo Semicon Device
2SC4491 SANYO-2SC4491 Datasheet
75Kb / 3P
   L Load (Various Drivers) Switching Applications
logo
HuaXinAn Electronics CO...
JQX-14FC2C HUAXINAN-JQX-14FC2C Datasheet
745Kb / 2P
   Heavy load, suitable for heavy power reverse
JQX-14FCC HUAXINAN-JQX-14FCC Datasheet
745Kb / 2P
   Heavy load, suitable for heavy power reverse
JQX-14FC2A HUAXINAN-JQX-14FC2A Datasheet
745Kb / 2P
   Heavy load, suitable for heavy power reverse.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com