Electronic Components Datasheet Search |
|
LM385-2.5CZTR Datasheet(PDF) 3 Page - Analog Intergrations Corporation |
|
LM385-2.5CZTR Datasheet(HTML) 3 Page - Analog Intergrations Corporation |
3 / 7 page LM385-2.5/LM385B-2.5 3 n ELECTRICAL CHARACTERISTICS (T A=25 °C, unless otherwise specified.) PARAMETER TEST CONDITIONS SYMBOL MIN. TYP. MAX. UNIT Reverse Breakdown Voltage IR=100µA LM385B-2.5 LM385-2.5 VR 2.475 2.450 2.500 2.500 2.525 2.550 V 20 µA≤IR ≤1mA ∆VR 2 mV Reverse Breakdown Voltage Change with Current 1mA ≤IR ≤20mA ∆VR 20 mV Reverse Dynamic Impedance IR=100µA, f=20Hz ZR 1 Ω Minimum Operating Current IRMIN 13 20 µA Wideband Noise (rms) IR=100µA, 10Hz ≤ f ≤10KHz eN 120 µVrms Average Temperature Coefficient (Note) IR=100µA αVR 100 ppm/ °C Long Term Stability IR=100µA, T=1000Hrs, TA=25°C ∆VR /∆t 20 ppm Note : The average temperature coefficient is defined as the maximum deviation of reverse breakdown voltage at all measured temperatures from TMIN to TMAX, divided by TMAX - TMIN. The measured temperatures are 0 °C, 25°C, 50°C and 70°C. |
Similar Part No. - LM385-2.5CZTR |
|
Similar Description - LM385-2.5CZTR |