Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-814 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL-814
Description  AC Input Phototransistor Optocoupler High Density Mounting Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-814 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-814 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-814 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-814 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-814 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-814 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-814 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
1
VF – FORWARD VOLTAGE – V
2.0
3.0
10
5
500
1.0
0
TA = 75°C
0.5
1.5
2.5
2
20
50
100
200
TA = 50°C
TA = 25°C
TA = 0°C
TA = -25°C
Figure 4. Forward current vs. forward voltage.
Figure 5. Current transfer ratio vs. forward
current.
Figure 6. Collector current vs. collector-
emitter voltage.
Figure 7. Relative current transfer ratio vs.
temperature.
Figure 8. Collector-emitter saturation
voltage vs. temperature.
Figure 9. Collector dark current vs.
temperature.
0
IF – FORWARD CURRENT – mA
10
100
40
0.2
0.1
20
60
120
140
80
100
0.5
20
150
5
2
VCE = 5 V
TA = 25°C
0
VCE – COLLECTOR-EMITTER VOLTAGE – V
610
40
20
50
3
0
PC (MAX.)
TA = 25°C
IF = 30 mA
IF = 20 mA
IF = 5 mA
30
10
12
45
7
8
9
IF = 1 mA
IF = 10 mA
0
0.10
0.02
IC = 1 mA
IF = 20 mA
TA – AMBIENT TEMPERATURE – °C
80
40
-30
60
100
0.04
0.06
0.08
20
0
TA – AMBIENT TEMPERATURE – °C
10
-12
10
-11
10
-10
10
-9
10
-8
10
-7
80
40
0
60
100
-30
10
-6
20
0
100
50
150
VCE = 5 V
IF = 5 mA
TA – AMBIENT TEMPERATURE – °C
75
25
0
50
100
-30
Figure 10. Response time vs. load resistance.
Figure 11. Frequency response.
0.1
RL – LOAD RESISTANCE – kΩ
0.1
5
1
0.5
0.2
0.5
0.2
2
10
2
1
5
10
20
50
100
VCE = 2 V
IC = 2 mA
TA = 25°C
tf
tr
ts
td
f – FREQUENCY – kHz
0.5
10
2
-20
-10
15
0.2
0
100
RL = 10 kΩ
RL = 1 kΩ
RL = 100 Ω
1000
VCE = 2 V
IC = 2 mA
TA = 25°C


Similar Part No. - HCPL-814

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-814 AVAGO-HCPL-814 Datasheet
216Kb / 7P
   AC Input Phototransistor Optocoupler High Density Mounting Type
More results

Similar Description - HCPL-814

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-814 AVAGO-HCPL-814 Datasheet
216Kb / 7P
   AC Input Phototransistor Optocoupler High Density Mounting Type
logo
Agilent(Hewlett-Packard...
HCPL-817 HP-HCPL-817 Datasheet
205Kb / 6P
   Phototransistor Optocoupler High Density Mounting Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-817-50AE AVAGO-HCPL-817-50AE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817 AVAGO-HCPL-817 Datasheet
247Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-00BE AVAGO-HCPL-817-00BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-36BE AVAGO-HCPL-817-36BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-300E AVAGO-HCPL-817-300E Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-30AE AVAGO-HCPL-817-30AE Datasheet
164Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-56BE AVAGO-HCPL-817-56BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
logo
List of Unclassifed Man...
IS354 ETC1-IS354 Datasheet
790Kb / 6P
   HIGH DENSITY MOUNTING AC INPUT, PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com