Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRM-2656 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IRM-2656
Description  Infrared Remote-Control Receiver Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IRM-2656 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  IRM-2656 Datasheet HTML 1Page - List of Unclassifed Manufacturers IRM-2656 Datasheet HTML 2Page - List of Unclassifed Manufacturers IRM-2656 Datasheet HTML 3Page - List of Unclassifed Manufacturers IRM-2656 Datasheet HTML 4Page - List of Unclassifed Manufacturers IRM-2656 Datasheet HTML 5Page - List of Unclassifed Manufacturers IRM-2656 Datasheet HTML 6Page - List of Unclassifed Manufacturers IRM-2656 Datasheet HTML 7Page - List of Unclassifed Manufacturers IRM-2656 Datasheet HTML 8Page - List of Unclassifed Manufacturers IRM-2656 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1.0
Page: 6 of 9
Device No:DMO-026-305
Prepared date:05-28-2004
Prepared by:
Carryll Hsu
θ
Supply Voltage Vcc (V)
3.5
7.0
10.5
14.0
17.0
IRM-2656
Typical Electro-Optical Characteristics Curves
Fig.-4 Relative Spectral Sensitivity vs.
Wavelength
Fig.-5 Relative Transmission Distance vs.
Direction
Fig.-6 Output Pulse Length vs. Arrival Distance
Fig.-7 Arrival Distance vs. Supply Voltage


Similar Part No. - IRM-2656

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-2656 EVERLIGHT-IRM-2656 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2656 EVERLIGHT-IRM-2656 Datasheet
276Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2656-DIP-A EVERLIGHT-IRM-2656-DIP-A Datasheet
202Kb / 9P
   Infrared Remote-Control Receiver Module
IRM-2656-E EVERLIGHT-IRM-2656-E Datasheet
249Kb / 10P
   Infrared Remote-control Receiver Module
IRM-2656A EVERLIGHT-IRM-2656A Datasheet
234Kb / 10P
   Infrared Remote-control Receiver Module
More results

Similar Description - IRM-2656

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8885V-P EVERLIGHT-IRM-8885V-P Datasheet
231Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8751-2 EVERLIGHT-IRM-8751-2 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
   Infrared Remote-control Receiver Module
IRM-8608S-5 EVERLIGHT-IRM-8608S-5 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
logo
List of Unclassifed Man...
IRM-2638V ETC-IRM-2638V Datasheet
197Kb / 9P
   Infrared Remote-control Receiver Module
logo
Everlight Electronics C...
IRM-H6XXT EVERLIGHT-IRM-H6XXT Datasheet
223Kb / 11P
   Infrared Remote-control Receiver Module
IRM-8751-1 EVERLIGHT-IRM-8751-1 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3633AF4 EVERLIGHT-IRM-3633AF4 Datasheet
235Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3736 EVERLIGHT-IRM-3736 Datasheet
256Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8608S-2 EVERLIGHT-IRM-8608S-2 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com