Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1961 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1961
Description  2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1961 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1961 Datasheet HTML 7Page - Maxim Integrated Products MAX1961 Datasheet HTML 8Page - Maxim Integrated Products MAX1961 Datasheet HTML 9Page - Maxim Integrated Products MAX1961 Datasheet HTML 10Page - Maxim Integrated Products MAX1961 Datasheet HTML 11Page - Maxim Integrated Products MAX1961 Datasheet HTML 12Page - Maxim Integrated Products MAX1961 Datasheet HTML 13Page - Maxim Integrated Products MAX1961 Datasheet HTML 14Page - Maxim Integrated Products MAX1961 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
MOSFET Gate Drivers
The DH and DL drivers are designed to drive logic-level
N-channel MOSFETs to optimize system cost and effi-
ciency. MOSFETs with RDSON rated at VGS 4.5V are
recommended. An adaptive dead-time circuit monitors
the DL output and prevents the high-side MOSFET from
turning on until DL is fully off. There must be a low-resis-
tance, low-inductance path from the DL driver to the
MOSFET gate for the adaptive dead-time circuit to work
properly. Otherwise, the internal sense circuitry could
interpret the MOSFET gate as “off” while there is actually
still charge left on the gate. Use very short, wide traces
measuring no more than 20 squares (50mils to 100mils
wide if the MOSFET is 1in from the IC).
Undervoltage Lockout and Soft-Start
There are two undervoltage lockout (UVLO) circuits on
the MAX1960/MAX1961/MAX1962. The first UVLO cir-
cuit monitors VCC, which must be above 2.15V (typ) in
order for the charge pump to operate. The second
UVLO circuit monitors the output of the charge pump.
The charge-pump output, VDD, must be above 4.2V
(typ) in order for the PWM converter to operate. Both
UVLO circuits inhibit switching and force DL high and DH
low when either VCC or VDD are below their threshold.
When the monitored voltages are above their thresh-
olds, an internal soft-start timer ramps up the error-
amplifier reference voltage. The ramp occurs in eighty
10mV steps. Full output voltage is reached 1.28ms after
activation with a 1MHz operating frequency.
2.35V to 5.5V, 0.5% Accurate, 1MHz PWM
Step-Down Controllers with Voltage Margining
______________________________________________________________________________________
11
S
R
Q
Q
CURRENT
SENSE
OSC
UVLO
SOFT-START
DAC
CHARGE
PUMP
OSC
VDD
REF
ILIM
(MAX1960/MAX1961)
FSET/SYNC
CLKOUT
COMP
FB
(MAX1960/MAX1962)
OUT
(MAX1961/MAX1962)
FEEDBACK
SELECT
VSEL
(MAX1961/MAX1962)
C+
C-
VDD
VCC
REF
AVDD
PGND
GND
DL
LX
DH
BST
SHUTDOWN
AND VOLTAGE
MARGINING
CTL1
(MAX1960/MAX1961)
CTL2
(MAX1960/MAX1961)
EN
(MAX1962)
PGND
LX
CS
(MAX1962)
OSC
OUT
MAX1960/
MAX1961/
MAX1962
COMP
ERROR
AMP
Figure 1. Functional Diagram


Similar Part No. - MAX1961

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1961 MAXIM-MAX1961 Datasheet
321Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 1; 6/09
MAX1961EEP MAXIM-MAX1961EEP Datasheet
321Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 1; 6/09
More results

Similar Description - MAX1961

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1960 MAXIM-MAX1960_09 Datasheet
321Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 1; 6/09
MAX1955 MAXIM-MAX1955 Datasheet
625Kb / 22P
   1.6V to 5.5V Input, 0.5% Accurate, Dual 180째 Out-of-Phase Step-Down Controllers
Rev 0; 1/03
MAX1951A MAXIM-MAX1951A Datasheet
951Kb / 12P
   1MHz, 2A, 2.6V to 5.5V Input, PWM DC-DC Step-Down Regulator with Enable
Rev 0; 7/09
logo
Analog Devices
ADP1822 AD-ADP1822_15 Datasheet
363Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. D
ADP1822 AD-ADP1822 Datasheet
447Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. B
logo
Maxim Integrated Produc...
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX1951 MAXIM-MAX1951 Datasheet
380Kb / 15P
   1MHz, All-Ceramic, 2.6V to 5.5V Input, 2A PWM Step-Down DC-to-DC Regulators
Rev 2; 6/09
MAX1966 MAXIM-MAX1966 Datasheet
404Kb / 15P
   Low-Cost Voltage-Mode PWM Step-Down Controllers
Rev 1; 9/03
MAX1945R MAXIM-MAX1945R Datasheet
848Kb / 19P
   1MHz, 1% Accurate, 6A Internal Switch Step-Down Regulators
Rev 1; 7/04
MAX8505 MAXIM-MAX8505 Datasheet
245Kb / 15P
   3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
Rev 0; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com