Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3969 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3969
Description  200Mbps SFP Limiting Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3969 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3969 Datasheet HTML 3Page - Maxim Integrated Products MAX3969 Datasheet HTML 4Page - Maxim Integrated Products MAX3969 Datasheet HTML 5Page - Maxim Integrated Products MAX3969 Datasheet HTML 6Page - Maxim Integrated Products MAX3969 Datasheet HTML 7Page - Maxim Integrated Products MAX3969 Datasheet HTML 8Page - Maxim Integrated Products MAX3969 Datasheet HTML 9Page - Maxim Integrated Products MAX3969 Datasheet HTML 10Page - Maxim Integrated Products MAX3969 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
200Mbps SFP Limiting Amplifier
_______________________________________________________________________________________
9
GND
LOS
SD
OUT-
OUT+
47mil
(1.19mm)
57mil
(1.45mm)
FILTER
RSSI
IN-
IN+
INV
VTH
VCC
SQUELCH
VCCO
GND
GND
CZP
CZN
VCC
LOS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
ORIGIN
Chip Topography


Similar Part No. - MAX3969

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3969 MAXIM-MAX3969 Datasheet
303Kb / 11P
   200Mbps SFP Limiting Amplifier
19-3251; Rev 1; 6/06
MAX3969E/D MAXIM-MAX3969E/D Datasheet
303Kb / 11P
   200Mbps SFP Limiting Amplifier
19-3251; Rev 1; 6/06
MAX3969ETP MAXIM-MAX3969ETP Datasheet
303Kb / 11P
   200Mbps SFP Limiting Amplifier
19-3251; Rev 1; 6/06
MAX3969 MAXIM-MAX3969_V01 Datasheet
303Kb / 11P
   200Mbps SFP Limiting Amplifier
19-3251; Rev 1; 6/06
More results

Similar Description - MAX3969

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3969 MAXIM-MAX3969_V01 Datasheet
303Kb / 11P
   200Mbps SFP Limiting Amplifier
19-3251; Rev 1; 6/06
MAX3645EEE MAXIM-MAX3645EEE Datasheet
240Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier
Rev 1; 11/04
MAX3645 MAXIM-MAX3645 Datasheet
262Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
Rev 0; 10/03
MAX3645 MAXIM-MAX3645_V01 Datasheet
240Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
19-3026; Rev 1; 11/04
MAX3945ETE MAXIM-MAX3945ETE Datasheet
2Mb / 24P
   1.0625Gbps to 11.3Gbps, SFP Dual-Path Limiting Amplifier
Rev 0; 2/10
logo
M/A-COM Technology Solu...
LA7_SMLA7 MA-COM-LA7_SMLA7 Datasheet
1Mb / 3P
   Limiting Amplifier
logo
BOWEI Integrated Circui...
HE072B BOWEI-HE072B Datasheet
68Kb / 1P
   Limiting Amplifier
HE073 BOWEI-HE073 Datasheet
104Kb / 1P
   Limiting Amplifier
logo
Analog Devices
ADN2891 AD-ADN2891_17 Datasheet
596Kb / 16P
   Limiting Amplifier
logo
BOWEI Integrated Circui...
HE072 BOWEI-HE072 Datasheet
99Kb / 1P
   Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com