Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-6000-E0011 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HLMP-6000-E0011
Description  Subminiature LED Lamps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-6000-E0011 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HLMP-6000-E0011 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-6000-E0011 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-6000-E0011 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-6000-E0011 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-6000-E0011 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-6000-E0011 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-6000-E0011 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-6000-E0011 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-6000-E0011 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
DH AS AlGaAs Red
Device
HLMP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
P102-F00xx
1.0
20.0
P105-L00xx
10.0
30.0
P105-NP000
25
80
Q100-M00xx
16
45
Q100-N00xx
Luminous Intensity
IV
25.0
45.0
mcd
IF = 20 mA
Q100-PQ000
40
125
Q105-P00xx
40
200
Q105-ST000
160
500
Q150-F00xx
1.0
1.8
IF = 1 mA
Q155-F00xx
1.0
4.0
Q100
Forward Voltage
VF
1.8
2.2
V
IF = 20 mA
Q150/Q155
1.6
1.8
IF = 1 mA
All
Reverse Breakdown Voltage
VR
5.0
15.0
V
IR = 100 µA
P105
125
Q100/Q150
Included Angle Between
2q1/2
90
Deg.
Q105/Q155
Half Intensity Points[2]
28
Peak Wavelength
lPEAK
645
nm
Measured at Peak
Dominant Wavelength[3]
ld
637
nm
Spectral Line Half Width
Dl1/2
20
nm
All
Speed of Response
ts
30
ns
Exponential Time
Constant; e-t/ts
Capacitance
C
30
pF
VF = 0; f = 1 MHz
Thermal Resistance
RqJ-PIN
170
°C/W
Junction-to Cathode Lead
Luminous Efficacy[4]
hv
80
lm/W


Similar Part No. - HLMP-6000-E0011

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-6000 AVAGO-HLMP-6000 Datasheet
240Kb / 16P
   Subminiature LED Lamps nondiff used dome for high brightness
logo
Broadcom Corporation.
HLMP-6000 BOARDCOM-HLMP-6000 Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
More results

Similar Description - HLMP-6000-E0011

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Q105-P0031 AVAGO-HLMP-Q105-P0031 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6400-F0011 AVAGO-HLMP-6400-F0011 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-7019 AVAGO-HLMP-7019 Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Broadcom Corporation.
HLMP-PXXX BOARDCOM-HLMP-PXXX Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-6820-F0010 AVAGO-HLMP-6820-F0010 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6620-F001S AVAGO-HLMP-6620-F001S Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-PH00 HP-HLMA-PH00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
HLMA-PF00 HP-HLMA-PF00 Datasheet
152Kb / 11P
   Subminiature High Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-P106 BOARDCOM-HLMP-P106 Datasheet
668Kb / 11P
   Subminiature High-Performance Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMT-QL00 AVAGO-HLMT-QL00 Datasheet
77Kb / 9P
   Subminiature High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com