Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV12A10 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV12A10
Description  12-Megapixel PureCel짰Plus Sensors for Dual
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV12A10 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV12A10 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV12A10 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12-Megapixel PureCel®Plus Sensors for Dual
and Single Cameras in Mobile Applications
OV12A10-OV12A1B12MPproductbrief
lead free
available in
a lead-free
package
OmniVision's color OV12A10 and monochrome
OV12A1B are 12-megapixel image sensors designed to
deliver premium image quality for both single-camera
solutions and, in particular, dual-camera solutions in
high-end and mainstream mobile markets. These
1.25-micron image sensors enable mobile dual-camera
solutions to produce advanced DSLR features such as
optical zoom, high dynamic range (HDR), and hand jitter
reduction with excellent low-light performance and low
power consumption.
The OV12A10 and OV12A1B sensors are built on
OmniVision's PureCel®Plus technology, which
implements buried color filter array (BCFA) and deep
trench isolation (DTI) for dramatically reduced color
crosstalk, as well as improved signal-to-noise ratio
(SNR) and sensor angular response.
The 1/2.8-inch OV12A10 and OV12A1B include phase
detection autofocus (PDAF) support and capture full-
resolution 12-megapixel resolution at 30 frames per
second (fps), 4K2K video at 30 fps, and 1080p
resolution at 90 fps.
The OV12A10 and OV12A1B come in a package size of
8.5 mm x 8.5 mm with a z-height of 5 mm.
Find out more at www.ovt.com.


Similar Part No. - OV12A10

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV12825 OMNIVISION-OV12825 Datasheet
1Mb / 2P
   OV12825 12.6-megapixel product brief
OV12830 OMNIVISION-OV12830 Datasheet
670Kb / 2P
   OV12830 12.8-megapixel product brief
OV12890 OMNIVISION-OV12890 Datasheet
662Kb / 2P
   Advanced 1.55-Micron Large-Pixel PureCel짰Plus-S Sensor for Premium Smartphones
OV12890-GA5A OMNIVISION-OV12890-GA5A Datasheet
662Kb / 2P
   Advanced 1.55-Micron Large-Pixel PureCel짰Plus-S Sensor for Premium Smartphones
OV12895 OMNIVISION-OV12895 Datasheet
1Mb / 2P
   12-Megapixel PureCel짰Plus-S Sensor
More results

Similar Description - OV12A10

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV12895 OMNIVISION-OV12895 Datasheet
1Mb / 2P
   12-Megapixel PureCel짰Plus-S Sensor
OV16885 OMNIVISION-OV16885 Datasheet
946Kb / 2P
   16-Megapixel PureCel짰Plus-S Sensor
OV20880 OMNIVISION-OV20880 Datasheet
748Kb / 2P
   20-Megapixel Second-Generation 1.0-Micron PureCel짰Plus-S Sensor for Smartphones
OV20381 OMNIVISION-OV20381 Datasheet
691Kb / 2P
   20-Megapixel Second-Generation 1.0-Micron PureCel짰Plus-S Sensor for Smartphones
OV16885-4C OMNIVISION-OV16885-4C Datasheet
680Kb / 2P
   16-Megapixel Second-Generation PureCel짰Plus-S Sensor for Front-Facing Mobile Applications
OV20880-4C OMNIVISION-OV20880-4C Datasheet
800Kb / 2P
   20-Megapixel Second-Generation 1.0-Micron PureCel짰Plus-S Sensor for Front-Facing Cameras
OV13855 OMNIVISION-OV13855 Datasheet
656Kb / 2P
   13-Megapixel PureCel짰Plus Sensor Brings High-End Imaging Capabilities to Mainstream Smartphones
OV16880 OMNIVISION-OV16880 Datasheet
2Mb / 2P
   16-Megapixel 1-Micron Pixel PureCel짰Plus-S Image Sensor with Phase Detection Autofocus for Slim Mobile Devices
OV2680 OMNIVISION-OV2680 Datasheet
1Mb / 2P
   Cost-Effective, Low-Power 2-Megapixel Sensors
logo
ams AG
CMV12000 AMSCO-CMV12000 Datasheet
1Mb / 80P
   12 Megapixel machine vision CMOS image sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com