Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV8856 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV8856
Description  High Performance PureCel짰 Sensor Brings 8-Megapixel Selfies to Mainstream Smartphones
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV8856 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV8856 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV8856 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Performance PureCel® Sensor Brings
8-Megapixel Selfies to Mainstream Smartphones
OV8856 8MPproductbrief
lead free
available in
a lead-free
package
OmniVision's OV8856 is a new 1/4-inch 8-megapixel
PureCel sensor designed for front- and rear-facing
camera applications in mainstream mobile devices. Built
on advanced 1.12-micron pixel architecture, the
extremely compact OV8856 offers industry-leading
image quality and improved performance when
compared with previous-generation 8-megapixel image
sensors.
The 1/4-inch OV8856 leverages OmniVision's PureCel
pixel architecture to capture full-resolution
8-megapixel images and video at 30 frames per second
(fps), and 1080p high-definition (HD) video at 60 fps.
The power-efficient OV8856 sensor also supports
interlaced high dynamic range (iHDR) for clear images
and video in high- and low-light conditions. Using a high-
speed four-lane MIPI interface, the OV8856 can output
full-resolution, 8-megapixel 30 fps video over two MIPI
lanes without requiring any data compression.
The OV8856 is one of the smallest 8-megapixel sensors
on the market, and is approximately 15 percent smaller
than OmniVision's previous-generation OV8858 image
sensor. The OV8856 can fit into a 6.5 mm x 6.5 mm
fixed-focus module with a z-height of approximately
4 mm.
Find out more at www.ovt.com.


Similar Part No. - OV8856

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV8858 OMNIVISION-OV8858 Datasheet
598Kb / 2P
   Cost-Effective 1/4-Inch 8-Megapixel Image Sensor
More results

Similar Description - OV8856

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV13855 OMNIVISION-OV13855 Datasheet
656Kb / 2P
   13-Megapixel PureCel짰Plus Sensor Brings High-End Imaging Capabilities to Mainstream Smartphones
OS05A10 OMNIVISION-OS05A10 Datasheet
1Mb / 2P
   Versatile 5-Megapixel PureCel짰 Sensor
OV8865 OMNIVISION-OV8865 Datasheet
3Mb / 2P
   High-Performance, Low-Power 8-Megapixel Image Sensor
OV16E10 OMNIVISION-OV16E10 Datasheet
739Kb / 2P
   16MP Image Sensor Brings Top Performance
OV5693 OMNIVISION-OV5693 Datasheet
2Mb / 2P
   High-Performance 5-Megapixel Image Sensor for Front-Facing Cameras in Flagship Smartphones and Tablets
Version 1.1, October, 2015
OV16B10 OMNIVISION-OV16B10 Datasheet
703Kb / 2P
   High-Performance 16-Megapixel Image Sensor
OV20880 OMNIVISION-OV20880 Datasheet
748Kb / 2P
   20-Megapixel Second-Generation 1.0-Micron PureCel짰Plus-S Sensor for Smartphones
OV20381 OMNIVISION-OV20381 Datasheet
691Kb / 2P
   20-Megapixel Second-Generation 1.0-Micron PureCel짰Plus-S Sensor for Smartphones
OV03647-V47A OMNIVISION-OV03647-V47A Datasheet
165Kb / 2P
   high-performance 1/4-inch, 3 megapixel CameraChip sensor
OV03640-VL9A OMNIVISION-OV03640-VL9A Datasheet
167Kb / 2P
   1/4-inch, high-performance 3 Megapixel CameraChip sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com