Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5404BDC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI5404BDC
Description  Specification Comparison
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5404BDC Datasheet(HTML) 2 Page - Vishay Siliconix

  SI5404BDC Datasheet HTML 1Page - Vishay Siliconix SI5404BDC Datasheet HTML 2Page - Vishay Siliconix SI5404BDC Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPICE Device Model Si5404BDC
Vishay Siliconix
www.vishay.com
Document Number: 73127
2
08-Sep-04
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Conditions
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.1
V
On-State Drain Current
a
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
100
A
VGS = 4.5 V, ID = 5.4 A
0.022
0.022
Drain-Source On-State Resistance
a
rDS(on)
VGS = 2.5 V, ID = 2.6 A
0.030
0.031
Forward Transconductance
a
gfs
VDS = 10 V, ID = 5.4 A
45
26
S
Forward Voltage
a
VSD
IS = 1.1 A, VGS = 0 V
0.78
0.70
V
Dynamic
b
Total Gate Charge
Qg
6.8
7
Gate-Source Charge
Qgs
1.7
1.7
Gate-Drain Charge
Qgd
VDS = 10 V, VGS = 4.5 V, ID = 5.4 A
2
2
nC
Notes
a.
Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b.
Guaranteed by design, not subject to production testing.


Similar Part No. - SI5404BDC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5404BDC VISHAY-SI5404BDC Datasheet
93Kb / 6P
   N-Channel 2.5-V (G-S) MOSFET
Rev. A, 11-Oct-04
SI5404BDC-T1-E3 VISHAY-SI5404BDC-T1-E3 Datasheet
93Kb / 6P
   N-Channel 2.5-V (G-S) MOSFET
Rev. A, 11-Oct-04
SI5404BDC VISHAY-SI5404BDC_08 Datasheet
93Kb / 6P
   N-Channel 2.5-V (G-S) MOSFET
Rev. A, 11-Oct-04
More results

Similar Description - SI5404BDC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6880AEDQ VISHAY-SI6880AEDQ Datasheet
32Kb / 1P
   Specification Comparison
22-Mar-04
SI3850ADV VISHAY-SI3850ADV Datasheet
65Kb / 2P
   Specification Comparison
Revision: 31-Oct-06
TN0200K VISHAY-TN0200K Datasheet
32Kb / 1P
   Specification Comparison TN0200K vs. TN0200T
19-May-04
TP0101K VISHAY-TP0101K Datasheet
90Kb / 1P
   TP0101K vs. TP0101T Specification Comparison
11-May-05
SI7840BDP VISHAY-SI7840BDP Datasheet
92Kb / 1P
   Si7840BDP vs. Si7840DP Specification Comparison
04-Dec-04
SI7868ADP VISHAY-SI7868ADP Datasheet
95Kb / 1P
   Si7868ADP vs. Si7868DP Specification Comparison
15-Apr-05
SI5402BDC VISHAY-SI5402BDC Datasheet
91Kb / 1P
   Specification Comparison Si5402BDC vs. Si5402DC
10-May-05
72893 VISHAY-72893 Datasheet
32Kb / 1P
   Dual N-Channel, 30-V (D-S) MOSFET Specification Comparison
22-Mar-04
logo
STMicroelectronics
AN574 STMICROELECTRONICS-AN574 Datasheet
66Kb / 4P
   TRANSIL TRISIL COMPARISON
logo
Silicon Laboratories
AN836 SILABS-AN836 Datasheet
1Mb / 6P
   Current Sense Amplifier Performance Comparison
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com