Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLC3020A-YDWW3 Datasheet(PDF) 4 Page - P-tec Corporation

Part # PLC3020A-YDWW3
Description  Compatible lead-free reflow solderingprocess
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PLC3020A-YDWW3 Datasheet(HTML) 4 Page - P-tec Corporation

  PLC3020A-YDWW3 Datasheet HTML 1Page - P-tec Corporation PLC3020A-YDWW3 Datasheet HTML 2Page - P-tec Corporation PLC3020A-YDWW3 Datasheet HTML 3Page - P-tec Corporation PLC3020A-YDWW3 Datasheet HTML 4Page - P-tec Corporation PLC3020A-YDWW3 Datasheet HTML 5Page - P-tec Corporation PLC3020A-YDWW3 Datasheet HTML 6Page - P-tec Corporation PLC3020A-YDWW3 Datasheet HTML 7Page - P-tec Corporation PLC3020A-YDWW3 Datasheet HTML 8Page - P-tec Corporation PLC3020A-YDWW3 Datasheet HTML 9Page - P-tec Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.p-tec.net
012016 Rev0 MS
Page 4 of 17
Rank F Color Temperature:3500~3700K
F1
F2
F3
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3996
0.4015
0.396
0.3907
0.3925
0.3798
0.3960
0.3907
0.3925
0.3798
0.3889
0.369
0.4104
0.3978
0.4062
0.3865
0.4017
0.3751
0.4146
0.4089
0.4104
0.3978
0.4062
0.3865
Rank F Color Temperature:3200~3500K
F4
F5
F6
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4146
0.4089
0.4104
0.3978
0.4062
0.3865
0.4104
0.3978
0.4062
0.3865
0.4017
0.3751
0.4248
0.4048
0.4198
0.3931
0.4147
0.3814
0.4299
0.4165
0.4248
0.4048
0.4198
0.3931
Rank G Color Temperature:3000~3200K
G1
G2
G3
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4299
0.4165
0.4248
0.4048
0.4198
0.3931
0.4248
0.4048
0.4198
0.3931
0.4147
0.3814
0.4374
0.4093
0.4317
0.3973
0.4259
0.3853
0.4430
0.4212
0.4374
0.4093
0.4317
0.3973
Rank G Color Temperature:2900~3000K
G4
G5
G6
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4430
0.4212
0.4374
0.4093
0.4317
0.3973
0.4374
0.4093
0.4317
0.3973
0.4259
0.3853
0.4499
0.4138
0.4436
0.4015
0.4373
0.3893
0.4562
0.426
0.4499
0.4138
0.4436
0.4015


Similar Part No. - PLC3020A-YDWW3

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLC3020A-YDWW1 P-TEC-PLC3020A-YDWW1 Datasheet
1Mb / 17P
   Compatible lead-free reflow solderingprocess
PLC3020A-YDWW2 P-TEC-PLC3020A-YDWW2 Datasheet
2Mb / 17P
   Compatible lead-free reflow solderingprocess
More results

Similar Description - PLC3020A-YDWW3

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLC3528-WCR08 P-TEC-PLC3528-WCR08 Datasheet
4Mb / 14P
   Compatible lead-free reflow solderingprocess
PLC3020A-YDNW3 P-TEC-PLC3020A-YDNW3 Datasheet
2Mb / 16P
   Compatible lead-free reflow solderingprocess
PLC3020B-YDPW1 P-TEC-PLC3020B-YDPW1 Datasheet
3Mb / 15P
   Compatible lead-free reflow solderingprocess
PLC3020B-YDPW3 P-TEC-PLC3020B-YDPW3 Datasheet
2Mb / 15P
   Compatible lead-free reflow solderingprocess
PLC3020B-YDNW1 P-TEC-PLC3020B-YDNW1 Datasheet
2Mb / 15P
   Compatible lead-free reflow solderingprocess
PLC3020A-YDPW3 P-TEC-PLC3020A-YDPW3 Datasheet
1Mb / 17P
   Compatible lead-free reflow solderingprocess
PLC3020B-YDWW3 P-TEC-PLC3020B-YDWW3 Datasheet
2Mb / 15P
   Compatible lead-free reflow solderingprocess
PLC3020A-YDPW1 P-TEC-PLC3020A-YDPW1 Datasheet
2Mb / 17P
   Compatible lead-free reflow solderingprocess
PLC3020A-YDWW1 P-TEC-PLC3020A-YDWW1 Datasheet
1Mb / 17P
   Compatible lead-free reflow solderingprocess
PLC3020A-YDWW2 P-TEC-PLC3020A-YDWW2 Datasheet
2Mb / 17P
   Compatible lead-free reflow solderingprocess
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com