Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXRB1031 Datasheet(PDF) 3 Page - Advanced XTAL Products

Part # AXRB1031
Description  Miniature Rubidium Oscillator in 50 x 50 mm Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXRB1031 Datasheet(HTML) 3 Page - Advanced XTAL Products

  AXRB1031 Datasheet HTML 1Page - Advanced XTAL Products AXRB1031 Datasheet HTML 2Page - Advanced XTAL Products AXRB1031 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AXRB1031 Rev.2
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 3(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Enclosure drawing
Handling and Testing
Parameter
Procedure
Source
Handling and Testing
Application Note AXAN-011
www.axtal.com
Processing
Application Note AXAN-012
www.axtal.com
Parameter
Procedure
Condition
Electrostatic discharge (ESD)
THD devices
IEC60749-26
HBM
2000 V
SMD devices
IEC60749-27
MM
200 V
Washable
Yes
No
RoHS- Compliant
Yes
No
Data sheet is for information purposes only and may be subject to modifications or may be discontinued without notice.
Revision History
Rev.
Drawing
Date
[dd.mm.yyyy]
Remarks
Author
Checked
1
D0
30.10.2018
First issue
HH
ME
2
D0
27.11.2018
ADEV, temperature range and drawing changed
HH
HH
Pin connections:
Pin #
Symbol
Function
1
VC
Control Voltage (EFC)
2
LD
Lock Detect
3
RF OUT
10 MHz Output
4
GND
Ground
5
VS
Supply Voltage
6
TX
Serial Transmit RS-232
7
RX
Serial Receive RS-232


Similar Part No. - AXRB1031

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXRB1003H AXTAL-AXRB1003H Datasheet
212Kb / 4P
   Very High Stability Rubidium Oscillator
AXRB1021 AXTAL-AXRB1021 Datasheet
286Kb / 4P
   High Stability Rubidium Oscillator
More results

Similar Description - AXRB1031

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQRB-2 IQD-IQRB-2 Datasheet
205Kb / 2P
   Rubidium Oscillator
logo
Suntsu Electronics, Inc...
SRO10S SUNTSU-SRO10S Datasheet
189Kb / 2P
   Rubidium Oscillator
SRO30S SUNTSU-SRO30S Datasheet
209Kb / 2P
   Rubidium Oscillator
logo
Transko Electronics, In...
OCXO-1446 TRANSKO-OCXO-1446 Datasheet
350Kb / 1P
   OCXO 50 X 50 X 19mm PACKAGE
Rev. 2: May. 2015
OX-D TRANSKO-OX-D Datasheet
381Kb / 2P
   OCXO 50 X 50 X 19mm PACKAGE
Rev. 2: Mar. 2015
logo
IQD Frequency Products ...
IQRB-1 IQD-IQRB-1 Datasheet
283Kb / 2P
   Rubidium Oscillator
logo
Delta Electronics, Inc.
AFB0512HHB DELTA-AFB0512HHB Datasheet
358Kb / 2P
   50 x 50 x 15 MM SERIES
logo
List of Unclassifed Man...
AFB0512VHD ETC2-AFB0512VHD Datasheet
169Kb / 1P
   50 x 50 x 20 MM SERIES
logo
Schneider Electric
XUZC50 SCHNEIDER-XUZC50 Datasheet
121Kb / 2P
   Sensors, reflector, 50 x 50 mm
Aug 11, 2019
logo
Suntsu Electronics, Inc...
SRO20S SUNTSU-SRO20S Datasheet
222Kb / 2P
   Rubidium Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com