Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP5768KG Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # SP5768KG
Description  3.0 GHz Low Phase Noise Frequency Synthesiser
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP5768KG Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  SP5768KG Datasheet HTML 1Page - Zarlink Semiconductor Inc SP5768KG Datasheet HTML 2Page - Zarlink Semiconductor Inc SP5768KG Datasheet HTML 3Page - Zarlink Semiconductor Inc SP5768KG Datasheet HTML 4Page - Zarlink Semiconductor Inc SP5768KG Datasheet HTML 5Page - Zarlink Semiconductor Inc SP5768KG Datasheet HTML 6Page - Zarlink Semiconductor Inc SP5768KG Datasheet HTML 7Page - Zarlink Semiconductor Inc SP5768KG Datasheet HTML 8Page - Zarlink Semiconductor Inc SP5768KG Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
SP5768
Electrical Characteristics (continued)
These characteristics are guaranteed by either production test or design. They apply within the specified ambient
temperature and supply voltage unless otherwise stated. Tamb = -40
°C to 80°C, Vcc = +4·5V to +5·5V
Characteristic
Pin
Value
Units
Conditions
Min
Typ
Max
Charge pump output
1
See Table 1
current
Vpin1 = 2V
Charge pump output
1
±3
±10
nA
Vpin1=2V, Vcc = +5.0V,
leakage
Tamb = 25
°C
Charge pump drive
16
0.5
mA
Vpin 16=0.7V
output current
Crystal frequency
2,3
2
20
MHz
See Figure 5 for application
External reference input
3
2
20
MHz
Sinewave coupled through
frequency
10F blocking capacitor
External reference drive
3
0.2
0.5
Vpp
Sinewave coupled through
level
10nF blocking capacitor
Buffered reference
11
AC coupled, See note 1
frequency output
output amplitude
0.35
Vpp
2-20MHz
output impedance
250
Comparison frequency
4
MHz
Equivalent phase noise
-148
dBc/Hz
At 10 kHz, SSB, with 2 MHz
at phase detector
comparison from 4 MHz
crystal reference
RF division ratio
240
131071
Reference division ratio
2
320
See Table 2
Output ports P0-P3
7,8,9,10
See Note 2
sink current
2
mA
Vport = 0.7V
leakage current
10
µA
Vport = Vcc
1
Reference output disabled by connecting to Vcc if not required
2
Output ports high impedance on power up, with data, clock and enable at logic 0


Similar Part No. - SP5768KG

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5769 MITEL-SP5769 Datasheet
223Kb / 11P
   3GHz I2C Bus Synthesiser
SP5769A MITEL-SP5769A Datasheet
223Kb / 11P
   3GHz I2C Bus Synthesiser
SP5769AKG MITEL-SP5769AKG Datasheet
223Kb / 11P
   3GHz I2C Bus Synthesiser
SP5769AKGMP1S MITEL-SP5769AKGMP1S Datasheet
223Kb / 11P
   3GHz I2C Bus Synthesiser
SP5769AKGMP1T MITEL-SP5769AKGMP1T Datasheet
223Kb / 11P
   3GHz I2C Bus Synthesiser
More results

Similar Description - SP5768KG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5730 ZARLINK-SP5730 Datasheet
380Kb / 12P
   1.3 GHz Low Phase Noise Frequency Synthesiser
logo
Mitel Networks Corporat...
SP5730 MITEL-SP5730 Datasheet
372Kb / 14P
   1.3GHz Low Phase Noise Frequency Synthesiser
SP8400 MITEL-SP8400 Datasheet
113Kb / 6P
   Very Low Phase Noise Synthesiser Divider
logo
Zarlink Semiconductor I...
SP8400 ZARLINK-SP8400 Datasheet
383Kb / 5P
   Very Low Phase Noise Synthesiser Divider
logo
Mitel Networks Corporat...
SP5659 MITEL-SP5659 Datasheet
143Kb / 12P
   2쨌7GHz I2C Bus Low Phase Noise Synthesiser
SP5070 MITEL-SP5070 Datasheet
179Kb / 7P
   2.GHz Fixed Modulus Frequency Synthesiser
logo
Peregrine Semiconductor...
PE3339 PEREGRINE-PE3339 Datasheet
143Kb / 12P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
logo
Mitel Networks Corporat...
NJ88C50 MITEL-NJ88C50 Datasheet
209Kb / 15P
   Dual Low Power Frequency Synthesiser
logo
Peregrine Semiconductor...
PE3340 PEREGRINE-PE3340 Datasheet
141Kb / 12P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
PE83336 PEREGRINE-PE83336 Datasheet
277Kb / 14P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com