Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULS4X2 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # ULS4X2
Description  4X2 SWITCH MATRIX WITH TONE/POLARITY CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULS4X2 Datasheet(HTML) 7 Page - Unisonic Technologies

  ULS4X2 Datasheet HTML 1Page - Unisonic Technologies ULS4X2 Datasheet HTML 2Page - Unisonic Technologies ULS4X2 Datasheet HTML 3Page - Unisonic Technologies ULS4X2 Datasheet HTML 4Page - Unisonic Technologies ULS4X2 Datasheet HTML 5Page - Unisonic Technologies ULS4X2 Datasheet HTML 6Page - Unisonic Technologies ULS4X2 Datasheet HTML 7Page - Unisonic Technologies ULS4X2 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ULS4X2
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R140-003.a
TRUTH TABLE (Cont.)
UTC ULS4X2A When pin 18 “VHM” open. Vertical and Horizontal will be mirror
CONTROL INPUT
OUTPUT TO INPUT STATE
State
V1
T 1
V2
T2
OP1
OP2
1
0
0
0
0
VH
VH
2
0
0
0
1
VH
VL
3
0
0
1
0
VH
HH
4
0
0
1
1
VH
HL
5
0
1
0
0
VL
VH
6
0
1
0
1
VL
VL
7
0
1
1
0
VL
HH
8
0
1
1
1
VL
HL
9
1
0
0
0
HH
VH
10
1
0
0
1
HH
VL
11
1
0
1
0
HH
HH
12
1
0
1
1
HH
HL
13
1
1
0
0
HL
VH
14
1
1
0
1
HL
VL
15
1
1
1
0
HL
HH
16
1
1
1
1
HL
HL
UTC ULS4X2B When pin 18 “VHM” connected to GND
CONTROL INPUT
OUTPUT TO INPUT STATE
State
V1
T 1
V2
T2
OP1
OP2
1
0
0
0
0
HL
HL
2
0
0
0
1
HL
HH
3
0
0
1
0
HL
VL
4
0
0
1
1
HL
VH
5
0
1
0
0
HH
HL
6
0
1
0
1
HH
HH
7
0
1
1
0
HH
VL
8
0
1
1
1
HH
VH
9
1
0
0
0
VL
HL
10
1
0
0
1
VL
HH
11
1
0
1
0
VL
VL
12
1
0
1
1
VL
VH
13
1
1
0
0
VH
HL
14
1
1
0
1
VH
HH
15
1
1
1
0
VH
VL
16
1
1
1
1
VH
VH


Similar Part No. - ULS4X2

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
ULS FARADAY-ULS Datasheet
51Kb / 3P
   CCIR REC.601 FILTERS
logo
Murata Manufacturing Co...
ULS MURATA-ULS Datasheet
353Kb / 12P
   Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters
ULS-12/2.5-D48N-C MURATA-ULS-12/2.5-D48N-C Datasheet
353Kb / 12P
   Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters
ULS-12/5-D48N-C MURATA-ULS-12/5-D48N-C Datasheet
353Kb / 12P
   Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters
logo
Murata Power Solutions ...
ULS-12/5-D48N-C MURATA-PS-ULS-12/5-D48N-C Datasheet
3Mb / 25P
   Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters
2023
More results

Similar Description - ULS4X2

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DSWX5034 DAICO-DSWX5034 Datasheet
40Kb / 1P
   (4x2) GaAs Switch Matrix
logo
Diodes Incorporated
ZLNB2013 DIODES-ZLNB2013 Datasheet
179Kb / 8P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
logo
Zetex Semiconductors
ZLNB2006 ZETEX-ZLNB2006 Datasheet
120Kb / 11P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2001 ZETEX-ZLNB2001 Datasheet
168Kb / 12P
   DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2012 ZETEX-ZLNB2012 Datasheet
97Kb / 8P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2013 ZETEX-ZLNB2013 Datasheet
165Kb / 8P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
logo
Diodes Incorporated
ZLNB2001 DIODES-ZLNB2001 Datasheet
158Kb / 12P
   DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2006 DIODES-ZLNB2006 Datasheet
126Kb / 11P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2012 DIODES-ZLNB2012 Datasheet
110Kb / 8P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
logo
Hittite Microwave Corpo...
HMC276QS24 HITTITE-HMC276QS24 Datasheet
420Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com