Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC2411 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TC2411
Description  14-Bit, 1 GSPS Digital-to-Analog Converter with Standby Mode of Operation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC2411 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TC2411 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC2411 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC2411 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC2411 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC2411 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC2411 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC2411 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC2411 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC2411 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Datasheet (Advance Information)
TC2411
7
MKDSTC2411 Rev-
Figure 4 (Cont): TC2411 Typical Application Circuit
AGND
DGND
TP36
TP37
FL8
C19
0.1uF
-5VD1
DGND
FL4
C16
0.1uF
-5VA1
AGND
FL5
FL1
C12
0.1uF
-5VA2
AGND
C13
0.1uF
FL2
C15
0.1uF
-5VD
DGND
FL9
C20
0.1uF
DGND
-5VDT
FL7
C18
0.1uF
+5VD2
DGND
FL3
C14
0.1uF
+5VA
AGND
U2
BNX002
VR1
6.2V
C8
68uF
C9
0.01uF
45
6
2
1
3
PS_GND
U3
BNX002
VR2
6.2V
C10
68uF
C11
0.01uF
45
6
2
1
3
PS_GND
-5V
+5V
AGND
DGND
1
2
3
4
5
6
7
8
9
J4
PS_GND
-5VPS
+5VPS
-5VD1
-5VD
-5VDT
-5VA1
-5VA2
+5VD2
+5VA
TC2411 Typical Application Circuit Parts List
FIND #
QTY
REFERENCE
DESIGNATOR
TYPE
VALUE
TOLERANCE
MANUFACTURER / DESCRIPTION
1
4
C4, C5, C6, C7
Capacitor
1000pF
10%
X7R
2
3
C3, C9, C11
Capacitor
0.01uF
10%
X7R
3
2
C8, C10
Capacitor
68uF
10%
Tantalum
4
8
C12, C13, C14,
C15, C16, C18,
C19, C20
Capacitor
0.1uF
10%
X7R
5
8
Fl1, Fl2, Fl3,
Fl4, Fl5, Fl7,
Fl8, Fl9
Ferrite Bead
BLM18A
G221SN
Murata
6
1
R1
Resistor
2.0K
5%
7
1
R4
Resistor
560
1%
8
1
R5
Resistor
510
1%
9
1
R6
Resistor
1K
2%
10
1
R7
Resistor
330
2%
11
1
R8
Resistor
110
2%
12
1
T1
Transformer
TX-2-5-1
2%
Mini-Circuits, 2:1 impedance ratio
13
1
T2
Transformer
ADT1-
1WT
2%
Mini-Circuits, 1:1 impedance ratio
14
1
U1
DAC
TC2411
TelASIC, 14 Bit, 1GHz DAC
15
2
U2, U3
EMI Filter
BNX002
Murata
16
2
VR1, VR2
Zener
6.2V
1 Watt


Similar Part No. - TC2411

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
TC2411D-111M PRODUCTWELL-TC2411D-111M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC2411D-250M PRODUCTWELL-TC2411D-250M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Similar Description - TC2411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9690 AD-AD9690 Datasheet
2Mb / 77P
   14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
logo
Texas Instruments
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI1-ADS5400 Datasheet
2Mb / 55P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_2 Datasheet
1Mb / 50P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400-SP TI1-ADS5400-SP_15 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_1 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com