Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTRS485 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTRS485
Description  TRANSCEIVERS WITH ESD-PROTECTED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTRS485 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTRS485_17 Datasheet HTML 1Page - Unisonic Technologies UTRS485_17 Datasheet HTML 2Page - Unisonic Technologies UTRS485_17 Datasheet HTML 3Page - Unisonic Technologies UTRS485_17 Datasheet HTML 4Page - Unisonic Technologies UTRS485_17 Datasheet HTML 5Page - Unisonic Technologies UTRS485_17 Datasheet HTML 6Page - Unisonic Technologies UTRS485_17 Datasheet HTML 7Page - Unisonic Technologies UTRS485_17 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UTRS485
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R113-011.G
MARKING
PIN CONFIGURATION
1
2
3
4
8
7
6
5
RO
RE
DE
DI
VCC
B
A
GND
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
RO
Receiver output: if A>B by 200mV, RO will be high; if A<B by 200mV, RO will be low.
2
RE
Receiver output enable. RO is enable when RE is low; RO is high impedance when
RE
is high.
3
DE
Driver output enable. The driver outputs, Y and Z, are enabled by bringing DE high. They
are high impedance when DE is low. If the driver outputs are enabled, the parts function
as line drivers. While they are high impedance, they function as line receivers if RE is
low.
4
DI
Driver Input. A low on DI forces output Y low and output Z high. Similarly, a high on DI
forces output Y high and output Z low.
5
GND
Ground
6
A
Non-inverting receiver input and non-inverting driver output
7
B
Inverting receiver input and inverting driver output
8
VCC
Positive supply; 4.75V≤VCC≤5.25V


Similar Part No. - UTRS485_17

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTRS485G-S08-R UTC-UTRS485G-S08-R Datasheet
236Kb / 8P
   FAIL-SAFE, 2.5MBPS RS-485 TRANSCEIVERS
More results

Similar Description - UTRS485_17

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTRS3088 UTC-UTRS3088_18 Datasheet
241Kb / 8P
   TRANSCEIVERS WITH ESD-PROTECTED
UTRS3080 UTC-UTRS3080 Datasheet
241Kb / 9P
   TRANSCEIVERS WITH ESD-PROTECTED
UTRS3085 UTC-UTRS3085 Datasheet
262Kb / 7P
   TRANSCEIVERS WITH ESD-PROTECTED
UTRS458 UTC-UTRS458 Datasheet
219Kb / 8P
   TRANSCEIVERS WITH ESD-PROTECTED
UTRS3082 UTC-UTRS3082 Datasheet
218Kb / 8P
   TRANSCEIVERS WITH ESD-PROTECTED
logo
Maxim Integrated Produc...
MAX3450E MAXIM-MAX3450E Datasheet
379Kb / 16P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX3453E MAXIM-MAX3453E Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com