Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5232BRU100 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5232BRU100
Description  Nonvolatile Memory Digital Potentiometers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5232BRU100 Datasheet(HTML) 5 Page - Analog Devices

  AD5232BRU100 Datasheet HTML 1Page - Analog Devices AD5232BRU100 Datasheet HTML 2Page - Analog Devices AD5232BRU100 Datasheet HTML 3Page - Analog Devices AD5232BRU100 Datasheet HTML 4Page - Analog Devices AD5232BRU100 Datasheet HTML 5Page - Analog Devices AD5232BRU100 Datasheet HTML 6Page - Analog Devices AD5232BRU100 Datasheet HTML 7Page - Analog Devices AD5232BRU100 Datasheet HTML 8Page - Analog Devices AD5232BRU100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PRELIMINARY TECHNICAL DATA
Nonvolatile Memory Digital Potentiometers
AD5231/AD5232/AD5233
REV PrF
5
22 MAR '01
Information contained in this Preliminary data sheet describes a product in the early definition stage. There is no guarantee that the
information contained here will become a final product in its present form. For latest information contact Walt Heinzer/Analog Devices, Santa
Clara, CA. TEL(408)382-3107; FAX (408)382-2708; walt.heinzer@analog.com
AD5231 PIN CONFIGURATION
O1
CLK
SDI
SDO
GND
VSS
T1
B1
O2
RDY
CS
CS
CS
CS
PR
PR
PR
PR
WP
WP
WP
WP
VDD
A1
W1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
AD5231 PIN FUNCTION DESCRIPTION
#
Name
Description
1
O1
Non-Volatile Digital Output #1, ADDR(O1) =
1H, data bit position D0
2
CLK
Serial Input Register clock pin. Shifts in one
bit at a time on positive clock CLK edges.
3
SDI
Serial Data Input Pin.
4
SDO
Serial Data Output Pin. Open Drain Output
requires external pull-up resistor. Commands 9
& 10 activate the SDO output. See Instruction
operation Truth Table. Other commands shift
out the previously loaded bit pattern delayed
by 24 clock pulses. This allows daisy-chain
operation of multiple packages.
5
GND
Ground pin, logic ground reference.
6
VSS
Negative Supply. Connect to zero volts for
single supply applications.
7
T1
Used as digital input during factory test mode.
Leave pin floating or connect to VDD or VSS.
8
B1
B terminal of RDAC1.
9
W1
Wiper terminal of RDAC1,
ADDR(RDAC1) = 0H
10
A1
A terminal of RDAC1.
11
VDD
Positive Power Supply Pin. Should be
≥ the
input-logic HIGH voltage.
12
WP
Write Protect Pin. When active low
WP
prevents any changes to the present contents
except retrieving EEMEM contents and
RESET.
13
PR
Hardware over ride preset pin. Refreshes the
scratch pad register with current contents of
the EEMEM register. Factory default loads
midscale 200H until EEMEM loaded with a
new value by the user (
PR is activated at the
rising logic high transition)
14
CS
Serial Register chip select active low. Serial
register operation takes place when
CS returns
to logic high.
15
RDY
Ready. Active-high open drain output.
Identifies completion of commands 2, 3, 8, 9,
10.
16
O2
Non-Volatile Digital Output #2, ADDR(O2) =
1H, data bit position D1.
AD5232 PIN CONFIGURATION
CLK
SDI
SDO
GND
VSS
A1
W1
B1
RDY
CS
CS
CS
CS
PR
PR
PR
PR
WP
WP
WP
WP
VDD
A2
W2
B2
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
AD5232 PIN FUNCTION DESCRIPTION
#
Name
Description
1
CLK
Serial Input Register clock pin. Shifts in one
bit at a time on positive clock edges.
2
SDI
Serial Data Input Pin. Shifts in one bit at a
time on positive clock CLK edges.
3
SDO
Serial Data Output Pin. Open Drain Output
requires external pull-up resistor. Commands 9
& 10 activate the SDO output. See Instruction
operation Truth Table. Other commands shift
out the previously loaded bit pattern delayed
by 16 clock pulses. This allows daisy-chain
operation of multiple packages.
4
GND
Ground pin, logic ground reference
5
VSS
Negative Supply. Connect to zero volts for
single supply applications.
6
A1
A terminal of RDAC1.
7
W1
Wiper terminal of RDAC1,
ADDR(RDAC1) = 0H.
8
B1
B terminal of RDAC1.
9
B2
B terminal of RDAC2.
10
W2
Wiper terminal of RDAC2,
ADDR(RDAC2) = 1H.
11
A2
A terminal of RDAC2.
12
VDD
Positive Power Supply Pin. Should be
≥ the
input-logic HIGH voltage.
13
WP
Write Protect Pin. When active low,
WP
prevents any changes to the present contents,
except retrieving EEMEM content and
RESET.
14
PR
Hardware over ride preset pin. Refreshes the
scratch pad register with current contents of
the EEMEM register. Factory default loads
midscale 80H until EEMEM loaded with a new
value by the user (
PR is activated at the logic
high transition).
15
CS
Serial Register chip select active low. Serial
register operation takes place when
CS returns
to logic high.
16
RDY
Ready. Active-high open drain output.
Identifies completion of commands 2, 3, 8, 9,
10.


Similar Part No. - AD5232BRU100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5232BRU100 AD-AD5232BRU100 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
AD5232BRU100-REEL7 AD-AD5232BRU100-REEL7 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
AD5232BRU100-REEL7 AD-AD5232BRU100-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232BRU100-REEL7 AD-AD5232BRU100-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
More results

Similar Description - AD5232BRU100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com