Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5233BRU100-REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5233BRU100-REEL7
Description  Nonvolatile Memory Digital Potentiometers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5233BRU100-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  AD5233BRU100-REEL7 Datasheet HTML 1Page - Analog Devices AD5233BRU100-REEL7 Datasheet HTML 2Page - Analog Devices AD5233BRU100-REEL7 Datasheet HTML 3Page - Analog Devices AD5233BRU100-REEL7 Datasheet HTML 4Page - Analog Devices AD5233BRU100-REEL7 Datasheet HTML 5Page - Analog Devices AD5233BRU100-REEL7 Datasheet HTML 6Page - Analog Devices AD5233BRU100-REEL7 Datasheet HTML 7Page - Analog Devices AD5233BRU100-REEL7 Datasheet HTML 8Page - Analog Devices AD5233BRU100-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PRELIMINARY TECHNICAL DATA
AD5231/AD5232/AD5233 - SPECIFICATIONS
REV PrF
3
22 MAR '01
Information contained in this Preliminary data sheet describes a product in the early definition stage. There is no guarantee that the
information contained here will become a final product in its present form. For latest information contact Walt Heinzer/Analog Devices, Santa
Clara, CA. TEL(408)382-3107; FAX (408)382-2708; walt.heinzer@analog.com
ELECTRICAL CHARACTERISTICS 10K, 50K, 100K OHM VERSIONS (V
DD = +3V±10% to +5V±10% and VSS=0V,
V
A = +VDD, VB = 0V, -40°C < TA < +85°C unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
1
Max
Units
INTERFACE TIMING CHARACTERISTICS applies to all parts(Notes 5, 9)
Clock Cycle Time
t 1
20
ns
Input Clock Pulse Width
t 2 , t 3
Clock level high or low
10
ns
CS Setup Time
t 4
10
ns
Data Setup Time
t 5
From Positive CLK transition
5
ns
Data Hold Time
t 6
From Positive CLK transition
5
ns
CLK Shutdown Time
t 7
0
ns
CS Rise to Clock Rise Setup
t 8
10
ns
CS High Pulse Width
t 9
10
ns
CLK to SDO Propagation Delay10
t 10
RP = 1KΩ, CL < 20pF
1
25
ns
Store to Nonvolatile EEMEM Save Time11
t 12
Applies to Command 2H, 3H, 9H
25
ms
CS to SDO - SPI line acquire
t13
ns
CS to SDO - SPI line release
t14
ns
RDY Rise to
CS Fall
t15
ns
Startup Time
t16
ms
CLK Setup Time
t17
For 1 CLK period (t4 - t3 = 1 CLK period)
ns
Preset Pulse Width (Asynchronous)
tPR
50
ns
Preset Response Time
tPRESP
PR pulsed low then high
70
us
NOTES:
1.
Typicals represent average readings at +25°C and VDD = +5V.
2.
Resistor position nonlinearity error R-INL is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper positions. R-DNL measures the
relative step change from ideal between successive tap positions. Parts are guaranteed monotonic. IW = VDD/R for both VDD=+3V or VDD=+5V.
3.
INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output D/A converter. VA = VDD and VB = VSS.
DNL specification limits of ±1LSB maximum are Guaranteed Monotonic operating conditions.
4.
Resistor terminals A, B, W have no limitations on polarity with respect to each other.
5.
Guaranteed by design and not subject to production test.
6.
Common mode leakage current is a measure of the DC leakage from any terminal A, B, W to a common mode bias level of VDD / 2.
7.
PDISS is calculated from (IDD x VDD) + (ISS X VSS).
8.
All dynamic characteristics use VDD = +5V.
9.
See timing diagram for location of measured values. All input control voltages are specified with tR=tF=2.5ns(10% to 90% of 3V) and timed from a voltage level of 1.5V. Switching
characteristics are measured using both VDD = +3V or +5V.
10.
Propagation delay depends on value of VDD, RPULL_UP, and CL see applications text.
11.
Low only for instruction commands 8, 9,10, 2, 3: CMD_8 ~ 1ms; CMD_9,10 ~0.12ms; CMD_2,3 ~20ms
12.
Dual Supply Operation primarily affects the POT terminals.
13.
Read Mode current is not continuous.
Timing Diagram
t
2
t
3
MS B
L S B
MS B
L S B
CL K
CS
SD I
SD O
1
t
1
t
4
t
5
t
6
t
7
t
9
t
14
t
10
RDY
t
12
t
17
MS B
L S B
SD O
2
t
13
t
15
t
16
SD O 1 CLK ID LES L O W
SDO 2 CLK ID LES HIG H
t
8
Figure 1. Timing Diagram


Similar Part No. - AD5233BRU100-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5233 AD-AD5233 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5233 AD-AD5233 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
AD5233 AD-AD5233 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results

Similar Description - AD5233BRU100-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com