Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5196C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EL5196C
Description  Single 400MHz Fixed Gain Amplifier with Enable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EL5196C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EL5196C Datasheet HTML 1Page - List of Unclassifed Manufacturers EL5196C Datasheet HTML 2Page - List of Unclassifed Manufacturers EL5196C Datasheet HTML 3Page - List of Unclassifed Manufacturers EL5196C Datasheet HTML 4Page - List of Unclassifed Manufacturers EL5196C Datasheet HTML 5Page - List of Unclassifed Manufacturers EL5196C Datasheet HTML 6Page - List of Unclassifed Manufacturers EL5196C Datasheet HTML 7Page - List of Unclassifed Manufacturers EL5196C Datasheet HTML 8Page - List of Unclassifed Manufacturers EL5196C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
EL5196C, EL5196AC
Single 400MHz Fixed Gain Amplifier with Enable
Absolute Maximum Ratings (T
A = 25°C)
Values beyond absolute maximum ratings can cause the device to be pre-
maturely damaged. Absolute maximum ratings are stress ratings only and
functional device operation is not implied.
Supply Voltage between VS+ and VS-
11V
Maximum Continuous Output Current
50mA
Operating Junction Temperature
125°C
Power Dissipation
See Curves
Pin Voltages
VS- - 0.5V to VS+ +0.5V
Storage Temperature
-65°C to +150°C
Operating Temperature
-40°C to +85°C
Important Note:
All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the
specified temperature and are pulsed tests, therefore: TJ = TC = TA.
Electrical Characteristics
VS+ = +5V, VS- = -5V, RL = 150
Ω, TA = 25°C unless otherwise specified.
Parameter
Description
Conditions
Min
Typ
Max
Unit
AC Performance
BW
-3dB Bandwidth
AV = +1
400
MHz
AV = -1
400
MHz
AV = +2
400
MHz
BW1
0.1dB Bandwidth
35
MHz
SR
Slew Rate
VO = -2.5V to +2.5V, AV = +2
2400
2900
V/µ s
tS
0.1% Settling Time
VOUT = -2.5V to +2.5V, AV = -1
9
ns
eN
Input Voltage Noise
3.8
nV/
√Hz
iN-
IN- Input Current Noise
25
pA/
√Hz
iN+
IN+ Input Current Noise
55
pA/
√Hz
dG
Differential Gain Error [1]
AV = +2
0.035
%
dP
Differential Phase Error [1]
AV = +2
0.04
°
DC Performance
VOS
Offset Voltage
-15
1
15
mV
TCVOS
Input Offset Voltage Temperature Coefficient
Measured from TMIN to TMAX
5µ V/°C
AE
Gain Error
VO = -3V to +3V
-2
1.3
2
%
RF, RG
Internal RF and RG
320
400
480
Input Characteristics
CMIR
Common Mode Input Range
±3V
±3.3V
V
+IIN
+ Input Current
-120
40
120
µ A
-IIN
- Input Current
-40
4
40
µ A
RIN
Input Resistance
at IN+27
k
CIN
Input Capacitance
0.5
pF
Output Characteristics
VO
Output Voltage Swing
RL = 150
Ω to GND
±3.4V
±3.7V
V
RL = 1k
Ω to GND
±3.8V
±4.0V
V
IOUT
Output Current
RL = 10
Ω to GND
95
120
mA
Supply
ISON
Supply Current - Enabled
No load, VIN = 0V
8
9
11
mA
ISOFF
Supply Current - Disabled
No load, VIN = 0V
100
150
µ A
PSRR
Power Supply Rejection Ratio
DC, VS = ±4.75V to ±5.25V
55
75
dB
-IPSR
- Input Current Power Supply Rejection
DC, VS = ±4.75V to ±5.25V
-2
2
µA/V


Similar Part No. - EL5196C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5196C ELANTEC-EL5196C Datasheet
292Kb / 14P
   Single 400MHz Fixed Gain Amplifier
EL5196CS ELANTEC-EL5196CS Datasheet
292Kb / 14P
   Single 400MHz Fixed Gain Amplifier
EL5196CS-T13 ELANTEC-EL5196CS-T13 Datasheet
292Kb / 14P
   Single 400MHz Fixed Gain Amplifier
EL5196CS-T7 ELANTEC-EL5196CS-T7 Datasheet
292Kb / 14P
   Single 400MHz Fixed Gain Amplifier
EL5196CW-T13 ELANTEC-EL5196CW-T13 Datasheet
292Kb / 14P
   Single 400MHz Fixed Gain Amplifier
More results

Similar Description - EL5196C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5196 INTERSIL-EL5196 Datasheet
264Kb / 13P
   Single 400MHz Fixed Gain Amplifier with Enable
EL5396A INTERSIL-EL5396A Datasheet
557Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
logo
Renesas Technology Corp
EL5396A RENESAS-EL5396A Datasheet
750Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
September 20, 2002
logo
Elantec Semiconductor
EL5196C ELANTEC-EL5196C Datasheet
292Kb / 14P
   Single 400MHz Fixed Gain Amplifier
EL5197C ELANTEC-EL5197C Datasheet
224Kb / 15P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5197 INTERSIL-EL5197 Datasheet
275Kb / 13P
   Single 200MHz Fixed Gain Amplifier with Enable
EL5197 INTERSIL-EL5197_07 Datasheet
329Kb / 16P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Elantec Semiconductor
EL5396C ELANTEC-EL5396C Datasheet
297Kb / 13P
   Triple 400MHz Fixed Gain Amplifier
logo
Intersil Corporation
EL5397A INTERSIL-EL5397A_06 Datasheet
338Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
EL5397A INTERSIL-EL5397A Datasheet
563Kb / 13P
   Triple 200MHz Fixed Gain Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com