Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5203IY-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5203IY-T7
Description  400MHz Slew Enhanced VFAs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5203IY-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5203IY-T7 Datasheet HTML 2Page - Intersil Corporation EL5203IY-T7 Datasheet HTML 3Page - Intersil Corporation EL5203IY-T7 Datasheet HTML 4Page - Intersil Corporation EL5203IY-T7 Datasheet HTML 5Page - Intersil Corporation EL5203IY-T7 Datasheet HTML 6Page - Intersil Corporation EL5203IY-T7 Datasheet HTML 7Page - Intersil Corporation EL5203IY-T7 Datasheet HTML 8Page - Intersil Corporation EL5203IY-T7 Datasheet HTML 9Page - Intersil Corporation EL5203IY-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN7331.4
October 3, 2005
Typical Performance Curves
FIGURE 1. GAIN vs FREQUENCY (-3dB BANDWIDTH)
FIGURE 2. PHASE vs FREQUENCY
FIGURE 3. 0.1dB BANDWIDTH
FIGURE 4. GAIN BANDWIDTH PRODUCT
FIGURE 5. GAIN BANDWIDTH PRODUCT vs SUPPLY
VOLTAGES
FIGURE 6. GAIN vs FREQUENCY FOR VARIOUS +AV
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1
10
100
1000
FREQUENCY (MHz)
-3dB BW @ 438MHz
VS=±5V
AV=+1
RF=0
RL=500Ω
CL=+3.3pF
-240
-180
-120
-60
0
60
120
180
240
0.1
1
10
100
1000
FREQUENCY (MHz)
VS=±5V
AV=+1
RF=0
RL=500Ω
CL=+3.3pF
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
1
10
100
FREQUENCY (MHz)
0.1dB BW @ 35MHz
VS=±5V
AV=+1
RF=0
RL=500Ω
CL=+3.3pF
20
30
40
50
60
70
0
1
10
100
FREQUENCY (MHz)
GAIN=40dB or 100
FREQ.=1.64 MHz
GAIN BW PRODUCT=1.64x100=164MHz
VS=±5V
RL=500Ω
50
100
150
200
250
300
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGES (±V)
VS=±5V
RL=500Ω
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1
10
100
1000
FREQUENCY (MHz)
VS=±5V
RL=500Ω
CL=+3.3pF
AV=+1
RF=0
AV=+2
RF=RG=400Ω
AV=+5
RF=1.6K, RG=400
EL5102, EL5103, EL5202, EL5203, EL5302


Similar Part No. - EL5203IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5203IY-T7 INTERSIL-EL5203IY-T7 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
EL5203IY-T7 INTERSIL-EL5203IY-T7 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5203IY-T7 INTERSIL-EL5203IY-T7 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
More results

Similar Description - EL5203IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_08 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
ISL55036 INTERSIL-ISL55036 Datasheet
687Kb / 11P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Renesas Technology Corp
ISL55033 RENESAS-ISL55033 Datasheet
1Mb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
logo
Intersil Corporation
ISL55033IRTZ INTERSIL-ISL55033IRTZ Datasheet
877Kb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
ISL55033 INTERSIL-ISL55033 Datasheet
1Mb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com