Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC1G01 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74VHC1G01
Description  Single 2-Input NAND Gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G01 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74VHC1G01_18 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G01_18 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G01_18 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G01_18 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G01_18 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G01_18 Datasheet HTML 6Page - ON Semiconductor MC74VHC1G01_18 Datasheet HTML 7Page - ON Semiconductor MC74VHC1G01_18 Datasheet HTML 8Page - ON Semiconductor MC74VHC1G01_18 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC74VHC1G01, MC74VHC1GT01
www.onsemi.com
4
RECOMMENDED OPERATING CONDITIONS
Symbol
Characteristics
Min
Max
Unit
VCC
Positive DC Supply Voltage
2.0
5.5
V
VIN
DC Input Voltage
0
5.5
V
VOUT
DC Output Voltage
TSOP−5, SC−88A (NLV)
0
VCC
V
DC Output Voltage
SC−74A, SC−88A, UDFN6, SOT−553, SOT−953
Active−Mode (High or Low State)
Tri−State Mode (Note 1)
Power−Down Mode (VCC = 0 V)
0
0
0
VCC
5.5
5.5
TA
Operating Temperature Range
−55
+125
°C
tr , tf
Input Rise and Fall Time
TSOP−5, SC−88A (NLV)
VCC = 3.0 V to 3.6 V
VCC = 4.5 V to 5.5 V
0
0
100
20
ns/V
Input Rise and Fall Time
SC−74A, SC−88A, UDFN6, SOT−553, SOT−953
VCC = 1.65 V to 1.95 V
VCC = 2.3 V to 2.7 V
VCC = 3.0 V to 3.6 V
VCC = 4.5 V to 5.5 V
0
0
0
0
20
20
10
5
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
DC ELECTRICAL CHARACTERISTICS (MC74VHC1G01)
Symbol
Parameter
Test
Conditions
VCC
(V)
TA = 25°C
−40°C ≤ TA ≤ 85°C
−55°C ≤ TA ≤ 125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
High−Level Input
Voltage
2.0
1.5
1.5
1.5
V
3.0
2.1
2.1
2.1
4.5
3.15
3.15
3.15
5.5
3.85
3.85
3.85
VIL
Low−Level Input
Voltage
2.0
0.5
0.5
0.5
V
3.0
0.9
0.9
0.9
4.5
1.35
1.35
1.35
5.5
1.65
1.65
1.65
VOL
Low−Level Output
Voltage
VIN = VIH or VIL
IOL = 50 mA
IOL = 50 mA
IOL = 50 mA
IOL = 4 mA
IOL = 8 mA
2.0
3.0
4.5
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.36
0.36
0.1
0.1
0.1
0.44
0.44
0.1
0.1
0.1
0.52
0.52
V
IIN
Input Leakage
Current
VIN = 5.5 V or
GND
1.65
to 5.5
±0.1*
±1.0
$1.0
mA
IOZ
3−State Output
Leakage Current
VOUT = 0 V to
5.5 V
5.5
±0.25
$2.5
$2.5
mA
IOFF
Power Off Leakage
Current
VIN = 5.5 V or
VOUT = 5.5 V
0
1.0
10
10
mA
ICC
Quiescent Supply
Current
VIN = VCC or
GND
5.5
1.0
20
40
mA
*Guaranteed by design.


Similar Part No. - MC74VHC1G01_18

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_16 Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
More results

Similar Description - MC74VHC1G01_18

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
   Single 2-Input NAND Gate
April, 2008 ??Rev. 0
MC74HC1G00 ONSEMI-MC74HC1G00 Datasheet
62Kb / 6P
   Single 2-Input NAND Gate
January, 2005 ??Rev. 9
logo
Unisonic Technologies
U74LVC1G00 UTC-U74LVC1G00_15 Datasheet
201Kb / 6P
   SINGLE 2-INPUT NAND GATE
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00_18 Datasheet
172Kb / 9P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74VHC1G00 ONSEMI-MC74VHC1G00_V01 Datasheet
182Kb / 14P
   Single 2-Input NAND Gate
March, 2022 ??Rev. 26
logo
Nexperia B.V. All right...
74LVC1G00 NEXPERIA-74LVC1G00 Datasheet
256Kb / 16P
   Single 2-input NAND gate
Rev. 13 - 8 February 2022
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00_16 Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
NL17SZ00 ONSEMI-NL17SZ00_16 Datasheet
98Kb / 9P
   Single 2-Input NAND Gate
April, 2016 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com