Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ500PEP Datasheet(PDF) 5 Page - STMicroelectronics

Part # VNQ500PEP
Description  QUAD CHANNEL HIGH SIDE DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ500PEP Datasheet(HTML) 5 Page - STMicroelectronics

  VNQ500PEP Datasheet HTML 1Page - STMicroelectronics VNQ500PEP Datasheet HTML 2Page - STMicroelectronics VNQ500PEP Datasheet HTML 3Page - STMicroelectronics VNQ500PEP Datasheet HTML 4Page - STMicroelectronics VNQ500PEP Datasheet HTML 5Page - STMicroelectronics VNQ500PEP Datasheet HTML 6Page - STMicroelectronics VNQ500PEP Datasheet HTML 7Page - STMicroelectronics VNQ500PEP Datasheet HTML 8Page - STMicroelectronics VNQ500PEP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
VNQ500PEP
2
ELECTRICAL CHARACTERISTICS (continued)
PROTECTIONS
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
TTSD
Junction shut-down
temperature
150
175
200
°C
Ilim
DC Short circuit current
VCC=13V; RLOAD=10mΩ
0.35
0.7
A
Vdemag
Turn-off output clamp
voltage
IOUT=0.25 A; L=20mH
VCC-41 VCC-48 VCC-55
V
treset
Thermal latch reset time
Tj < TTSD (see figure 3 in waveforms)
10
µs


Similar Part No. - VNQ500PEP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ500PEP-E STMICROELECTRONICS-VNQ500PEP-E Datasheet
600Kb / 17P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ500PEP-E STMICROELECTRONICS-VNQ500PEP-E Datasheet
239Kb / 24P
   Quad channel high-side driver
September 2013 Rev 4
VNQ500PEPTR-E STMICROELECTRONICS-VNQ500PEPTR-E Datasheet
600Kb / 17P
   QUAD CHANNEL HIGH SIDE DRIVER
More results

Similar Description - VNQ500PEP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ690SP-E STMICROELECTRONICS-VNQ690SP-E Datasheet
187Kb / 20P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ860TR-E STMICROELECTRONICS-VNQ860TR-E Datasheet
682Kb / 19P
   Quad channel high-side driver
VNQ600P-E STMICROELECTRONICS-VNQ600P-E Datasheet
220Kb / 20P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ860-E STMICROELECTRONICS-VNQ860-E Datasheet
288Kb / 15P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ810M-E STMICROELECTRONICS-VNQ810M-E Datasheet
216Kb / 21P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ860-E STMICROELECTRONICS-VNQ860-E_08 Datasheet
400Kb / 19P
   Quad channel high side driver
VNQ500 STMICROELECTRONICS-VNQ500 Datasheet
239Kb / 24P
   Quad channel high-side driver
September 2013 Rev 4
VNQ830M STMICROELECTRONICS-VNQ830M Datasheet
315Kb / 20P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ860 STMICROELECTRONICS-VNQ860 Datasheet
221Kb / 10P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ810 STMICROELECTRONICS-VNQ810 Datasheet
316Kb / 21P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ500PEPTR-E STMICROELECTRONICS-VNQ500PEPTR-E Datasheet
600Kb / 17P
   QUAD CHANNEL HIGH SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com