Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4631 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK4631
Description  16-Bit Mono CODEC with ALC & MIC/SPK-AMP
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4631 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK4631 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4631 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4631 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4631 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4631 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4631 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4631 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4631 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4631 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
ASAHI KASEI
[AK4631]
MS0317-J-01
2004/11
- 1 -
AK4631はマイクアンプ、スピーカアンプを内蔵した16bit モノラルCODECです。入力にはマイクアン
プ及びALC(Automatic Level Control)回路を内蔵し、出力にはスピーカアンプを内蔵しており、DSC等
での動画音声用途に最適です。スピーカアンプは圧電スピーカにも対応しています。パッケージは28pin
QFNを採用、実装面積を大幅に削減します。
1. 16-Bit Delta-Sigma Mono CODEC
2. 録音側機能
• 1ch Mono Input
• マイク用ゲインアンプ内蔵 (0dB, 20dB, 26dB or 32dB)
• ALC機能付きIPGA 内蔵 (-8dB ∼ +27.5dB, 0.5dB Step)
• ADC特性 : S/(N+D) : 80dB, DR, S/N : 85dB
3. 再生側機能
• Digital Volume内蔵 (+12dB ∼ -115dB, 0.5dB Step, Mute)
• Mono Line Output: S/(N+D) : 85dB, S/N : 93dB
• Mono Speaker-Amp内蔵
- SPK-AMP特性 : S/(N+D) : 50dB, S/N : 90dB (240mW@ 8
Ω,出力時)
- BTL接続
- 圧電スピーカ対応
- ALC(Automatic Level Control) 回路内蔵
- 定格出力 : 250mW @ 8
Ω&SVDD=3.3V
3.0Vrms@SVDD=5V
• Beep音入力可能
4. パワーマネジメント機能
5. PLL Mode:
• 周波数 : 11.2896MHz, 12MHz, 12.288MHz, 13.5MHz, 24MHz, 27MHz (MCKI pin)
1fs (FCK pin)
16fs, 32fs or 64fs (BICK pin)
6. EXT Mode:
• 入力周波数 : 256fs, 512fs or 1024fs (MCKI pin)
7. Sampling Rate:
• PLL Slave Mode (FCK pin) : 7.35kHz ~ 26kHz
• PLL Slave Mode (BICK pin) : 7.35kHz ~ 48kHz
• PLL Slave Mode (MCKI pin):
8kHz, 11.025kHz, 12kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz, 48kHz
• PLL Master Mode:
8kHz, 11.025kHz, 12kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz, 48kHz
• EXT Slave Mode:
7.35kHz
~48kHz (256fs), 7.35kHz ~ 26kHz (512fs), 7.35kHz ~13kHz (1024fs)
8. Output Master Clock Frequency: 256fs
9. シリアル
µPインタフェース : 3線シリアル
10. マスタ/スレーブモード
16-Bit
∆Σ Mono CODEC with ALC & MIC/SPK-AMP
AK4631


Similar Part No. - AK4631

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4631VN AKM-AK4631VN Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
More results

Similar Description - AK4631

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634 AKM-AK4634 Datasheet
967Kb / 77P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4633EN AKM-AK4633EN Datasheet
1Mb / 83P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634EN AKM-AK4634EN Datasheet
2Mb / 94P
   16-Bit Mono CODEC with ALC & MIC/SPK -AMP
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4636 AKM-AK4636 Datasheet
1Mb / 105P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4635 AKM-AK4635 Datasheet
980Kb / 81P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4637EN AKM-AK4637EN Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com