Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLMP3107 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TLMP3107
Description  Vishay Semiconductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMP3107 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button TLMP3107 Datasheet HTML 2Page - Vishay Siliconix TLMP3107 Datasheet HTML 3Page - Vishay Siliconix TLMP3107 Datasheet HTML 4Page - Vishay Siliconix TLMP3107 Datasheet HTML 5Page - Vishay Siliconix TLMP3107 Datasheet HTML 6Page - Vishay Siliconix TLMP3107 Datasheet HTML 7Page - Vishay Siliconix TLMP3107 Datasheet HTML 8Page - Vishay Siliconix TLMP3107 Datasheet HTML 9Page - Vishay Siliconix TLMP3107 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
VISHAY
TLMG / H / O / P / Y310.
Document Number 83032
Rev. 1.7, 31-Aug-04
Vishay Semiconductors
www.vishay.com
7
Figure 17. Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle
Figure 18. Relative Luminous Intensity vs. Forward Current
Figure 19. Relative Intensity vs. Wavelength
Yellow
10
20
50
100 200
0
0.4
0.8
1.2
1.6
2.4
95 10260
500
0.5
0.2
0.1 0.05
0.02
1
IF(mA)
tp/T
2.0
Yellow
IF - Forward Current ( mA )
100
0.01
0.1
1
10
95 9999
10
1
550
570
590
610
630
0
0.2
0.4
0.6
0.8
1.2
650
95 10039
λ -
- Wavelength ( nm )
1.0
Yellow
Figure 20. Forward Current vs. Forward Voltage
Figure 21. Rel. Luminous Intensity vs. Ambient Temperature
Figure 22. Specific Luminous Intensity vs. Forward Current
Green
0.1
1
10
100
VF - Forward Voltage(V)
5
2
1
04
3
95 9986
Green
0
0.4
0.8
1.6
1.2
2.0
95 10320
Tamb- Ambient Temperature (°C)
20
40
60
80
0
100
10
20
50
100 200
0
0.4
0.8
1.2
1.6
2.4
95 10263
500
2.0
Green
IF(mA)
0.5
0.2 0.1
0.05
0.02
1
tp/T


Similar Part No. - TLMP3107

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMP3107 VISHAY-TLMP3107 Datasheet
133Kb / 11P
   Standard SMD LED PLCC-2
Rev. 1.8, 12-Sep-07
More results

Similar Description - TLMP3107

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5242B-TAP VISHAY-1N5242B-TAP Datasheet
99Kb / 6P
   Vishay Semiconductors
Rev. 2.0, 06-May-13
VEMD6010X01 VISHAY-VEMD6010X01 Datasheet
159Kb / 7P
   Vishay Semiconductors
Rev. 1.2, 03-Jul-15
logo
HK TO-GRACE TECHNOLOGY ...
VLMK23P2R1-GS08 TO-GRACE-VLMK23P2R1-GS08 Datasheet
1Mb / 12P
   Vishay Semiconductors
logo
Vishay Siliconix
BZG03C62-TR VISHAY-BZG03C62-TR Datasheet
81Kb / 5P
   BZG03C-Series Vishay Semiconductors
Rev. 1.9, 29-Nov-11
VS-80SQ045TR VISHAY-VS-80SQ045TR Datasheet
134Kb / 7P
   VS-80SQ... Series, VS-80SQ...-M3 Series Vishay Semiconductors
Revision: 19-Sep-11
IRF620STRLPBF VISHAY-IRF620STRLPBF Datasheet
141Kb / 8P
   Vishay Siliconix
Rev. D, 30-May-11
logo
List of Unclassifed Man...
STK413-220A ETC1-STK413-220A Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Vishay Siliconix
ESH1PB VISHAY-ESH1PB Datasheet
96Kb / 4P
   Vishay General Semiconductor
Revision: 25-Jun-07
logo
List of Unclassifed Man...
1-800-543-4330 ETC2-1-800-543-4330 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Vishay Siliconix
S1PGHE3 VISHAY-S1PGHE3 Datasheet
110Kb / 5P
   Vishay General Semiconductor
Revision: 18-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com