Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

709179L12PF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 709179L12PF
Description  HIGH-SPEED 32K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

709179L12PF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 709179L12PF Datasheet HTML 3Page - Integrated Device Technology 709179L12PF Datasheet HTML 4Page - Integrated Device Technology 709179L12PF Datasheet HTML 5Page - Integrated Device Technology 709179L12PF Datasheet HTML 6Page - Integrated Device Technology 709179L12PF Datasheet HTML 7Page - Integrated Device Technology 709179L12PF Datasheet HTML 8Page - Integrated Device Technology 709179L12PF Datasheet HTML 9Page - Integrated Device Technology 709179L12PF Datasheet HTML 10Page - Integrated Device Technology 709179L12PF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
6.42
IDT709179L
High-Speed 32K x 9 Synchronous Pipelined Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
7
Preliminary
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2). This parameter is guaranteed by device
characterization, but is not production tested.
2. The Pipelined output parameters (tCYC2, tCD2) to either the Left or Right ports when
FT/PIPE = VIH. Flow-Through parameters (tCYC1, tCD1) apply when
FT/PIPE = VIL for that port.
3. All input signals are synchronous with respect to the clock except for the asynchronous Output Enable (
OE), FT/PIPER and FT/PIPEL.
AC Electrical Characteristics Over the Operating Temperature Range
(Read and Write Cycle Timing)(3) (VCC = 5V ± 10%, TA = 0°C to +70°C)
709179L7
Com'l Only
709179L9
Com'l
& Ind
709179L12
Com'l Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tCYC1
Clock Cycle Time (Flow-Through)
(2)
22
____
25
____
30
____
ns
tCYC2
Clock Cycle Time (Pipelined)
(2)
12
____
15
____
20
____
ns
tCH1
Clock High Time (Flow-Through)(2)
7.5
____
12
____
12
____
ns
tCL1
Clock Low Time (Flow-Through)(2)
7.5
____
12
____
12
____
ns
tCH2
Clock High Time (Pipelined)(2)
5
____
6
____
8
____
ns
tCL2
Clock Low Time (Pipelined)(2)
5
____
6
____
8
____
ns
tR
Clock Rise Time
____
3
____
3
____
3ns
tF
Clock Fall Time
____
3
____
3
____
3ns
tSA
Address Setup Time
4
____
4
____
4
____
ns
tHA
Address Hold Time
0
____
1
____
1
____
ns
tSC
Chip Enable Setup Time
4
____
4
____
4
____
ns
tHC
Chip Enable Hold Time
0
____
1
____
1
____
ns
tSW
R/
W Setup Time
4
____
4
____
4
____
ns
tHW
R/
W Hold Time
0
____
1
____
1
____
ns
tSD
Input Data Setup Time
4
____
4
____
4
____
ns
tHD
Input Data Hold Time
0
____
1
____
1
____
ns
tSAD
ADS Setup Time
4
____
4
____
4
____
ns
tHAD
ADS Hold Time
0
____
1
____
1
____
ns
tSCN
CNTEN Setup Time
4
____
4
____
4
____
ns
tHCN
CNTEN Hold Time
0
____
1
____
1
____
ns
tSRST
CNTRST Setup Time
4
____
4
____
4
____
ns
tHRST
CNTRST Hold Time
0
____
1
____
1
____
ns
tOE
Output Enable to Data Valid
____
9
____
12
____
12
ns
tOLZ
Output Enable to Output Low-Z(1)
2
____
2
____
2
____
ns
tOHZ
Output Enable to Output High-Z
(1)
17
1
7
17
ns
tCD1
Clock to Data Valid (Flow-Through)
(2)
____
18
____
20
____
25
ns
tCD2
Clock to Data Valid (Pipelined)
(2)
____
7.5
____
9
____
12
ns
tDC
Data Output Hold After Clock High
2
____
2
____
2
____
ns
tCKHZ
Clock High to Output High-Z(1)
2
9
292
9
ns
tCKLZ
Clock High to Output Low-Z(1)
2
____
2
____
2
____
ns
Port-to-Port Delay
tCWDD
Write Port Clock High to Read Data Delay
____
28
____
35
____
40
ns
tCCS
Clock-to-Clock Setup Time
____
10
____
15
____
15
ns
5644 tbl 11


Similar Part No. - 709179L12PF

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
709176001501006 AVX-709176001501006 Datasheet
617Kb / 5P
   Single IDC Contact 18-24 AWG: WTB
709176001511006 AVX-709176001511006 Datasheet
617Kb / 5P
   Single IDC Contact 18-24 AWG: WTB
709176001522006 AVX-709176001522006 Datasheet
617Kb / 5P
   Single IDC Contact 18-24 AWG: WTB
709176001532006 AVX-709176001532006 Datasheet
617Kb / 5P
   Single IDC Contact 18-24 AWG: WTB
709177001601006 AVX-709177001601006 Datasheet
622Kb / 5P
   Single Thru Hole IDC Contact
More results

Similar Description - 709179L12PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V9179 RENESAS-70V9179 Datasheet
286Kb / 18P
   HIGH-SPEED 3.3V 32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Feb.18.20
logo
Integrated Device Techn...
IDT70V9179 IDT-IDT70V9179 Datasheet
181Kb / 15P
   HIGH-SPEED 3.3V 32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9189 IDT-IDT70V9189 Datasheet
305Kb / 17P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9189 RENESAS-IDT70V9189 Datasheet
513Kb / 18P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V3579S IDT-IDT70V3579S_14 Datasheet
184Kb / 17P
   HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT709199L IDT-IDT709199L Datasheet
178Kb / 15P
   HIGH-SPEED 128K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709189L IDT-IDT709189L Datasheet
178Kb / 15P
   HIGH-SPEED 64K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9379L IDT-IDT70V9379L Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com