Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1404DCTR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1404DCTR
Description  OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1404DCTR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1404DCTR Datasheet HTML 1Page - Texas Instruments SN74LVC1404DCTR Datasheet HTML 2Page - Texas Instruments SN74LVC1404DCTR Datasheet HTML 3Page - Texas Instruments SN74LVC1404DCTR Datasheet HTML 4Page - Texas Instruments SN74LVC1404DCTR Datasheet HTML 5Page - Texas Instruments SN74LVC1404DCTR Datasheet HTML 6Page - Texas Instruments SN74LVC1404DCTR Datasheet HTML 7Page - Texas Instruments SN74LVC1404DCTR Datasheet HTML 8Page - Texas Instruments SN74LVC1404DCTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
A
3
2
5
8
1
CTRL
VCC
XOUT
GND
DCT PACKAGE
(TOP VIEW)
YEP OR YZP PACKAGE
(BOTTOM VIEW)
DCU PACKAGE
(TOP VIEW)
3
2
4
5
1
CTRL
VCC
OSCOUT
XOUT
GND
XOUT
GND
VCC
Y
XIN
See mechanical drawings for dimensions.
2
5
3
4
8
XIN
A
Y
XIN
OSCOUT
Y
4
6
7
6
7
8
6
1
7
CTRL
A
OSCOUT
DESCRIPTION/ORDERING INFORMATION
SN74LVC1404
OSCILLATOR DRIVER
FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SCES469C – AUGUST 2003 – REVISED JULY 2005
Available in the Texas Instruments
Low Power Consumption (10-
µA Max I
CC) in
NanoStar™ and NanoFree™ Packages
Standby State
Supports 5-V V
CC Operation
±24-mA Output Drive at 3.3 V
Inputs Accept Voltages to 5.5 V
I
off Supports Partial-Power-Down Mode
Operation
One Buffered Inverter With Schmitt-Trigger
Input and Two Unbuffered Inverters
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
Integrated Solution for Oscillator Applications
ESD Protection Exceeds JESD 22
Suitable for Commonly Used Clock
Frequencies:
– 2000-V Human-Body Model (A114-A)
– 15 kHz, 3.58 MHz, 4.43 MHz, 13 MHz,
– 200-V Machine Model (A115-A)
25 MHz, 26 MHz, 27 MHz, 28 MHz
– 1000-V Charged-Device Model (C101)
Control Input to Disable the Oscillator Circuit
This device consists of one inverter with a Schmitt-trigger input and two unbuffered inverters. It is designed for
1.65-V to 5.5-V VCC operation.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoStar™ – WCSP (DSBGA)
SN74LVC1404YEPR
0.23-mm Large Bump – YEP
Tape and reel
_ _ _44_
NanoFree™ – WCSP (DSBGA)
0.23-mm Large Bump – YZP
SN74LVC1404YZPR
–40
°C to 85°C
(Pb-free)
SSOP – DCT
Tape and reel
SN74LVC1404DCTR
CA4_ _ _
VSSOP – DCU
Tape and reel
SN74LVC1404DCUR
CA4_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DCT: The actual top-side marking has three additional characters that designate the year, month, and assembly/test site.
DCU: The actual top-side marking has one additional character that designates the assembly/test site.
YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar, NanoFree are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1404DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1404DCTR TI-SN74LVC1404DCTR Datasheet
466Kb / 17P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404DCTR TI-SN74LVC1404DCTR Datasheet
565Kb / 18P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404DCTRE4 TI-SN74LVC1404DCTRE4 Datasheet
565Kb / 18P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
More results

Similar Description - SN74LVC1404DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1404 TI-SN74LVC1404_09 Datasheet
565Kb / 18P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404 TI-SN74LVC1404_07 Datasheet
466Kb / 17P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
logo
ATMEL Corporation
8128B ATMEL-8128B Datasheet
147Kb / 5P
   Typical Crystal/Resonator Oscillator
logo
NXP Semiconductors
68HC705C5 NXP-68HC705C5 Datasheet
4Mb / 74P
   On-Chip Oscillator with Crystal/Ceramic Resonator
REV. 1.3
logo
Texas Instruments
SN74LVC1GX04 TI-SN74LVC1GX04 Datasheet
301Kb / 13P
[Old version datasheet]   CRYSTAL OSCILLATOR DRIVER
SN74LVC1GX04 TI1-SN74LVC1GX04_06 Datasheet
718Kb / 19P
[Old version datasheet]   CRYSTAL OSCILLATOR DRIVER
DECEMBER2006
SN74LVC1GX04 TI1-SN74LVC1GX04_15 Datasheet
1Mb / 27P
[Old version datasheet]   Crystal Oscillator Driver
SN74LVC1GX04-EP TI1-SN74LVC1GX04-EP Datasheet
442Kb / 15P
[Old version datasheet]   CRYSTAL OSCILLATOR DRIVER
logo
Abracon Corporation
ASVK ABRACON-ASVK Datasheet
186Kb / 2P
   CERAMIC SMD CRYSTAL OSCILLATOR
4.05.07
logo
NXP Semiconductors
CARD_74LVC1GX04 PHILIPS-CARD_74LVC1GX04 Datasheet
97Kb / 2P
   One chip crystal oscillator driver
August 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com