Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ71525DCKR Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ71525DCKR
Description  50 mA, 24 V, 3.2 uA Supply Current Low-Dropout Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ71525DCKR Datasheet(HTML) 3 Page - Texas Instruments

  BQ71525DCKR Datasheet HTML 1Page - Texas Instruments BQ71525DCKR Datasheet HTML 2Page - Texas Instruments BQ71525DCKR Datasheet HTML 3Page - Texas Instruments BQ71525DCKR Datasheet HTML 4Page - Texas Instruments BQ71525DCKR Datasheet HTML 5Page - Texas Instruments BQ71525DCKR Datasheet HTML 6Page - Texas Instruments BQ71525DCKR Datasheet HTML 7Page - Texas Instruments BQ71525DCKR Datasheet HTML 8Page - Texas Instruments BQ71525DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS715xx
SLVS338L – MAY 2001 – REVISED SEPTEMBER 2005
over operating junction temperature range (T
J = -40°C to +125°C), VIN = VOUT(NOM) + 1 V, IOUT = 1 mA, COUT = 1 µF unless
otherwise noted. Typical values are at T
J = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO = 10 mA
2.5
24
Input voltage(1)
VIN
V
IO = 50 mA
3
24
VOUT voltage range (TPS71501)
1.2
15
V
VIN + 1.0 V ≤ VIN ≤ 24 V
VOUT accuracy(1)
Over VIN, IOUT, and T
-4.0
+4.0
%
100 µA
≤ I
OUT ≤ 50 mA
0
≤ I
OUT ≤ 50 mA, TJ = -40°C to +85°C
3.2
4.2
Ground pin current
IGND
0 mA
≤ I
OUT ≤ 50 mA
3.2
4.8
µA
0 mA
≤ I
OUT ≤ 50 mA, VIN = 24 V
5.8
Load regulation
∆V
OUT/∆IOUT
IOUT = 100 µA to 50 mA
22
mV
Output voltage
∆V
OUT/∆VIN
VOUT + 1 V < VIN ≤ 24 V
20
60
mV
line regulation (1)
BW = 200 Hz to 100 kHz, COUT = 10 µF,
Output noise voltage
Vn
575
µVrms
IOUT = 50 mA
VOUT = 0 V, VIN ≥ 3.5 V
125
750
mA
Output current limit
ICL
VOUT = 0 V, VIN < 3.5 V
90
750
mA
Power-supply ripple rejection
PSRR
f = 100 kHz, COUT = 10 µF
60
dB
Dropout voltage
VDO
IOUT = 50 mA
415
750
mV
VIN = VOUT(NOM) - 1 V
(1)
Minimum VIN = VOUT + VDO or the value shown for Input voltage in this table, whichever is greater.
3


Similar Part No. - BQ71525DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ71525DCKR TI-BQ71525DCKR Datasheet
229Kb / 11P
[Old version datasheet]   50 mA, 24 V, 3.2U Supply Current Low-Dropout Linear Regulator in SC70 Package
BQ71525DCKR TI-BQ71525DCKR Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
BQ71525DCKR TI1-BQ71525DCKR Datasheet
643Kb / 16P
[Old version datasheet]   50 mA, 24 V, 3.2-mA Supply Current
BQ71525DCKRG4 TI-BQ71525DCKRG4 Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
BQ71525DCKRG4 TI1-BQ71525DCKRG4 Datasheet
643Kb / 16P
[Old version datasheet]   50 mA, 24 V, 3.2-mA Supply Current
More results

Similar Description - BQ71525DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715 TI1-TPS715_17 Datasheet
985Kb / 22P
[Old version datasheet]   50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
TPS715XX TI-TPS715XX Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715 TI1-TPS715_V03 Datasheet
3Mb / 32P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS715 TI-TPS715_V01 Datasheet
3Mb / 29P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
TPS715 TI-TPS715_V02 Datasheet
3Mb / 30P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS715XX TI1-TPS715XX_12 Datasheet
643Kb / 16P
[Old version datasheet]   50 mA, 24 V, 3.2-mA Supply Current
TPS715 TI-TPS715_15 Datasheet
921Kb / 21P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501 TI-TPS71501 Datasheet
229Kb / 11P
[Old version datasheet]   50 mA, 24 V, 3.2U Supply Current Low-Dropout Linear Regulator in SC70 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com