Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ71533DCKRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ71533DCKRG4
Description  50 mA, 24 V, 3.2 uA Supply Current Low-Dropout Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ71533DCKRG4 Datasheet(HTML) 1 Page - Texas Instruments

  BQ71533DCKRG4 Datasheet HTML 1Page - Texas Instruments BQ71533DCKRG4 Datasheet HTML 2Page - Texas Instruments BQ71533DCKRG4 Datasheet HTML 3Page - Texas Instruments BQ71533DCKRG4 Datasheet HTML 4Page - Texas Instruments BQ71533DCKRG4 Datasheet HTML 5Page - Texas Instruments BQ71533DCKRG4 Datasheet HTML 6Page - Texas Instruments BQ71533DCKRG4 Datasheet HTML 7Page - Texas Instruments BQ71533DCKRG4 Datasheet HTML 8Page - Texas Instruments BQ71533DCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Actual Size
(2,15 mm x 2,3 mm)
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
3
2
4
5
DCK PACKAGE
(TOP VIEW)
1
FB/NC
GND
NC
OUT
IN
GND
TPS715xx
OUT
IN
MSP430
Solar
Cell
TPS715xx
SLVS338L – MAY 2001 – REVISED SEPTEMBER 2005
50 mA, 24 V, 3.2 µA Supply Current
Low-Dropout Linear Regulator in SC70 Package
Ultra Low Power Microcontrollers
24-V Maximum Input Voltage
Cellular/Cordless Handsets
Low 3.2-µA Quiescent Current at 50 mA
Portable/Battery-Powered Equipment
Stable With Any Capacitor (
≥ 0.47 µF)
50-mA Low-Dropout Regulator
Available in 1.8 V, 1.9 V, 2.3 V, 2.5 V, 3.0 V, 3.3
The TPS715xx low-dropout (LDO) voltage regulators
V, 3.45 V, 5.0 V, and Adjustable (1.2 V to 15 V)
offer the benefits of high input voltage, low-dropout
Designed to Support MSP430 Families:
voltage,
low-power
operation,
and
miniaturized
– 1.9 V version ensured to be higher than
packaging. The devices, which operate over an input
minimum VIN of 1.8 V
range of 2.5 V to 24 V, are stable with any capacitor
(
≥ 0.47 µF). The low dropout voltage and low
– 2.3 V version ensured to meet 2.2 V
quiescent current allow operations at extremely low
minimum VIN for FLASH on MSP430F2xx
power levels. Therefore, the devices are ideal for
– 3.45 V version ensured to be lower than
powering battery management ICs. Specifically, since
maximum VIN of 3.6 V
the devices are enabled as soon as the applied
voltage reaches the minimum input voltage, the
– Wide variety of fixed output voltage options
output is quickly available to power continuously
to match VIN to the minimum required for
operating battery charging ICs.
desired MSP430 speed
The usual PNP pass transistor has been replaced by
Minimum/Maximum Specified Current Limit
a PMOS pass element. Because the PMOS pass
5-Pin SC70/SOT-323 (DCK) Package
element behaves as a low-value resistor, the low
-40°C to +125°C Specified Junction
dropout voltage, typically 415 mV at 50 mA of load
Temperature Range
current, is directly proportional to the load current.
The low quiescent current (3.2 µA typically) is stable
For 80mA Rated Current and Higher Power
over the entire range of output load current (0 mA to
Package, see TPS715Axx
50 mA).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ71533DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ71533DCKRG4 TI-BQ71533DCKRG4 Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
BQ71533DCKRG4 TI1-BQ71533DCKRG4 Datasheet
643Kb / 16P
[Old version datasheet]   50 mA, 24 V, 3.2-mA Supply Current
More results

Similar Description - BQ71533DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715 TI1-TPS715_17 Datasheet
985Kb / 22P
[Old version datasheet]   50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
TPS715XX TI-TPS715XX Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715 TI1-TPS715_V03 Datasheet
3Mb / 32P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS715 TI-TPS715_V01 Datasheet
3Mb / 29P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
TPS715 TI-TPS715_V02 Datasheet
3Mb / 30P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS715XX TI1-TPS715XX_12 Datasheet
643Kb / 16P
[Old version datasheet]   50 mA, 24 V, 3.2-mA Supply Current
TPS715 TI-TPS715_15 Datasheet
921Kb / 21P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501 TI-TPS71501 Datasheet
229Kb / 11P
[Old version datasheet]   50 mA, 24 V, 3.2U Supply Current Low-Dropout Linear Regulator in SC70 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com