Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MPQ8634B Datasheet(HTML) 19 Page - Monolithic Power Systems

Part No. MPQ8634B
Description  16V, 20A, Sync, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MPS [Monolithic Power Systems]
Homepage  http://www.monolithicpower.com
Logo 

MPQ8634B Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MPQ8634B Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 20 page
background image
MPQ8634B – 16V, 20A, SYNC, STEP-DOWN CONVERTER W/ ADJUSTABLE CURRENT LIMIT,
PROGRAMMBALE FREQUENCY, AND VOLTAGE TRACKING
MPQ8634B Rev. 1.02
www.MonolithicPower.com
19
11/16/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient PCB layout is critical for stable
operation. For optimal performance, refer to
Figure 6 and follow the guidelines below.
1. Place the input MLCC capacitors as close
to VIN and PGND as possible.
2. Place the major MLCC capacitors on the
same layer as the MPQ8634B.
3. Maximize the VIN and PGND copper plane
to minimize parasitic impedance.
4. Place as many PGND vias as possible as
close to PGND as possible to minimize both
parasitic impedance and thermal resistance.
5. Place the VCC decoupling capacitor close
to the device.
6. Connect AGND and PGND at the point of
the VCC capacitor’s ground connection.
7. Place the BST capacitor as close to BST
and SW as possible with 20 mil or wider
traces to route the path. It is recommended
to use a bootstrap capacitor of 0.1μF to 1μF.
8. Place the REF capacitor close to TRK/REF
to VSNS-.
9. Place via at least 10mm away from the
positive side of the first input decoupling
capacitor close to the IC if it must be placed
on the PGOOD pad.
10. Place the OSENSE capacitor in between
the output sense lines and close to the
device.
Figure 6: Recommended PCB Layout


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn