Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MPQ8634B Datasheet(HTML) 8 Page - Monolithic Power Systems

Part No. MPQ8634B
Description  16V, 20A, Sync, Step-Down Converter with Adjustable Current Limit, Programmable Frequency, and Voltage Tracking
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MPS [Monolithic Power Systems]
Homepage  http://www.monolithicpower.com
Logo 

MPQ8634B Datasheet(HTML) 8 Page - Monolithic Power Systems

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 20 page
background image
MPQ8634B – 16V, 20A, SYNC, STEP-DOWN CONVERTER W/ ADJUSTABLE CURRENT LIMIT,
PROGRAMMBALE FREQUENCY, AND VOLTAGE TRACKING
MPQ8634B Rev. 1.02
www.MonolithicPower.com
8
11/16/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, TA = 25˚C, VOUT = 1V, FS = 800kHz unless otherwise noted.
Steady State
IOUT = 0A, Forced CCM
Steady State
IOUT = 20A, Forced CCM
Load Transient
IOUT=0A~8A, Forced CCM
Load Transient
IOUT =0A~8A, Pulse Skip
Power Up through EN
IOUT = 20A, Pulse Skip
Power Up through EN
IOUT = 0A, Pulse Skip
VEN
2V/div.
VOUT
500mV/div.
VPGOOD
2V/div.
IL
10A/div.
VEN
2V/div.
VOUT
500mV/div.
VPGOOD
2V/div.
IL
10A/div.
VOUT/AC
50mV/div.
VSW
5V/div.
IL
10A/div.
Steady State
IOUT = 0A, Pulse Skip
Steady State
IOUT = 0.5A, Pulse Skip
Steady State
IOUT = 20A, Pulse Skip
VOUT/AC
50mV/div.
VSW
5V/div.
IL
10A/div.
VOUT/AC
20mV/div.
VSW
5V/div.
VOUT/AC
20mV/div.
VSW
5V/div.
VOUT/AC
20mV/div.
VSW
5V/div.
VOUT/AC
10mV/div.
VSW
5V/div.
VOUT/AC
10mV/div.
VSW
5V/div.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn