Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB3R2LD Datasheet(PDF) 8 Page - Texas Instruments

Part # TB3R2LD
Description  QUAD DIFFERENTIAL PECL RECEIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TB3R2LD Datasheet(HTML) 8 Page - Texas Instruments

Back Button TB3R2LD Datasheet HTML 3Page - Texas Instruments TB3R2LD Datasheet HTML 4Page - Texas Instruments TB3R2LD Datasheet HTML 5Page - Texas Instruments TB3R2LD Datasheet HTML 6Page - Texas Instruments TB3R2LD Datasheet HTML 7Page - Texas Instruments TB3R2LD Datasheet HTML 8Page - Texas Instruments TB3R2LD Datasheet HTML 9Page - Texas Instruments TB3R2LD Datasheet HTML 10Page - Texas Instruments TB3R2LD Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.ti.com
APPLICATION INFORMATION
Power Dissipation
V
Sn
I
Sn
(1)
(V
Ln
I
Ln)
(2)
T
J
+ TA ) PD
q
JA
(3)
T
J
+ TA ) PD
q
JA(S)
(4)
q
JA(S)
+
q
JC
)qCA
q
JB
)qBA
q
JC
)qCA)qJB)qBA
(5)
40
60
80
100
120
140
0
100
200
300
400
500
D, Low−K
DW, Low−K
D, High−K
DW, High−K
Air Flow − LFM
TB3R1, TB3R2
SLLS587B – NOVEMBER 2003 – REVISED MAY 2004
Note that
θ
JA is highly dependent on the PCB on
which the device is mounted, and on the airflow over
The power dissipation rating, often listed as the
the
device
and
PCB.
JEDEC/EIA
has
defined
package dissipation rating, is a function of the ambi-
standardized test conditions for measuring
θ
JA. Two
ent temperature, TA, and the airflow around the
commonly used conditions are the low-K and the
device. This rating correlates with the device's maxi-
high-K
boards,
covered
by
EIA/JESD51-3
and
mum junction temperature, sometimes listed in the
EIA/JESD51-7 respectively. Figure 10 shows the
absolute maximum ratings tables. The maximum
low-K and high-K values of
θ
JA versus air flow for this
junction temperature accounts for the processes and
device and its package options.
materials used to fabricate and package the device,
in addition to the desired life expectancy.
The standardized
θ
JA
values may not accurately
represent the conditions under which the device is
There are two common approaches to estimating the
used. This can be due to adjacent devices acting as
internal die junction temperature, TJ. In both of these
heat sources or heat sinks, to nonuniform airflow, or
methods, the device internal power dissipation PD
to the system PCB having significantly different ther-
needs to be calculated This is done by totaling the
mal characteristics than the standardized test PCBs.
supply power(s) to arrive at the system power
The second method of system thermal analysis is
dissispation:
more accurate. This calculation uses the power
dissipation and ambient temperature, along with two
device and two system-level parameters:
and then subtracting the total power dissipation of the
θ
JC, the junction-to-case thermal resistance, in
external load(s):
degrees Celsius per watt
θ
JB, the junction-to-board thermal resistance, in
degrees Celsius per watt
The first TJ calculation uses the power dissipation
θ
CA, the case-to-ambient thermal resistance, in
and ambient temperature, along with one parameter:
degrees Celsius per watt
θ
JA,
the junction-to-ambient thermal resistance, in
θ
BA, the board-to-ambient thermal resistance, in
degrees Celsius per watt.
degrees Celsius per watt.
The product of PD and θJA is the junction temperature
In this analysis, there are two parallel paths, one
rise above the ambient temperature. Therefore:
through the case (package) to the ambient, and
another through the device to the PCB to the ambi-
ent. The system-level junction-to-ambient thermal im-
pedance,
θ
JA(S), is the equivalent parallel impedance
of the two parallel paths:
where
The device parameters
θ
JC and θJB account for the
internal structure of the device. The system-level
parameters
θ
CA and θBA take into account details of
the PCB construction, adjacent electrical and mech-
anical components, and the environmental conditions
including airflow. Finite element (FE), finite difference
(FD), or computational fluid dynamics (CFD) pro-
grams can determine
θ
CA and θBA. Details on using
these programs are beyond the scope of this data
sheet, but are available from the software manufac-
turers.
Figure 10. Thermal Impedance vs Air Flow
8


Similar Part No. - TB3R2LD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB3R2 TI-TB3R2 Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2 TI1-TB3R2 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2D TI-TB3R2D Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2D TI1-TB3R2D Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DE4 TI-TB3R2DE4 Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results

Similar Description - TB3R2LD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com